Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22017 Datasheet(PDF) 85 Page - ITT Industries

Part # 22017
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

22017 Datasheet(HTML) 85 Page - ITT Industries

Back Button 22017 Datasheet HTML 81Page - ITT Industries 22017 Datasheet HTML 82Page - ITT Industries 22017 Datasheet HTML 83Page - ITT Industries 22017 Datasheet HTML 84Page - ITT Industries 22017 Datasheet HTML 85Page - ITT Industries 22017 Datasheet HTML 86Page - ITT Industries 22017 Datasheet HTML 87Page - ITT Industries 22017 Datasheet HTML 88Page - ITT Industries 22017 Datasheet HTML 89Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 120 page
background image
MIL-C-83733
DPK
Plug/Configurations (Socket Contacts)
85
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
DPK/MIL-C-83733 TYPES
DPK Commercial Types
Mounting Style Y - MIL-C-83733/7(USAF)
With Guide Sockets and Spring Mounting
Mounting Style H - MIL-C-83733/12(USAF)
Staggered Spring Mounting
*See page 82
Mounting Syle M
Mounting
See page 82
Mounting Style F
Clinch Nut Mounting
Mounting Style G
Standard Hole Mounting
1. Springs are pre-loaded to 25 pounds each in free position.
2. Spring forces will be 59 pounds minimum at .500 (12.70) panel spacing and 88
pounds maximum at .390 (9.91) panel spacing
NOTES:
ACROSS HEX FLATS
.138 (3.50)-32 UNC-2B THREAD
.138 (3.50)-32 UNC-2B THREAD
N
.138 (3.50)-32 UNC-2B THREAD
.141 (3.58)
MAX.
1. Springs are pre-loaded to 25 pounds each in free position.
2. Spring forces will be 59 pounds minimum at .500 (12.70) panel spacing and 88
pounds maximum at .390 (9.91) panel spacing
3. This configuration must not be used on teh 131 or 185 contact layouts.
NOTES:
.405 ± .010
(10.28 ± 0.25)
.207 ± .002 DIA.
(5.26 ± .005)
.281 ± .005 DIA.
(7.14 ± 0.12)
4 HOLES
.281 ± .005 DIA.
(7.14 ± 0.12)
4 HOLES
N*
.116 ± .080
(2.94 ± 2.03)
.116 ± .080
(2.94 ± 2.03)
.485 MAX
(12.32)
1.250 (31.75) MAX.
SPRING IN FREE
POSITION
1.250 (31.75) MAX.
SPRING IN FREE
POSITION
.312 (7.92) - 24 UNF-2A
THREAD
16
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com