Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22017 Datasheet(PDF) 89 Page - ITT Industries

Part # 22017
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

22017 Datasheet(HTML) 89 Page - ITT Industries

Back Button 22017 Datasheet HTML 85Page - ITT Industries 22017 Datasheet HTML 86Page - ITT Industries 22017 Datasheet HTML 87Page - ITT Industries 22017 Datasheet HTML 88Page - ITT Industries 22017 Datasheet HTML 89Page - ITT Industries 22017 Datasheet HTML 90Page - ITT Industries 22017 Datasheet HTML 91Page - ITT Industries 22017 Datasheet HTML 92Page - ITT Industries 22017 Datasheet HTML 93Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 120 page
background image
DPKA
DPKB
Face View Pin Insert Shown
Layout
No. of Contacts
and Wire Size
Service Rating
18
18 #12
l
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
1
2
3
4
5
6
7
1
131
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
25
24
21
20
2322
31
30
27
26
2928
GF
C
B
A
E
D
19
34
3532
33
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
25
24
21
20
23
22
31
30
27
26
29
28
19
34
35
32
33
36
37
38
39
40
41
42
43
44
45
46
47
48
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
25 24
21
20
23
22
31 30
27 26
29
28
19
34
35
32
33
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
25
24
21 20
23 22
31
30
27 26
29 28
19
34
35
32
33
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
70
67
68
69
7166
1
2
3
4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
1715
16
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
3634
35
37
38
39
61
62
63
64
65
66
67
68
69
70
71
72
73
74
7775
76
78
79
80
41 40
42
43
44
45
46
47
48
49
50
51
52
53
54
5755
56
58
59
60
82 81
1
14
41
55
84
113
142
171
13
27
54
69
98
127
156
185
83
84
85
86
87
88
89
90
91
92
93
94
95
9896
97
99
100
101
5
6
7
8
9
10
11
12
13
14
15
16
17
18
25
24
21 20
23 22
31
30
27 26
29 28
19
34
35
32
33
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
70
67
68
69
7166
1
1
2
3
4
5
5
6
7
8
9
10
10
11
12
13
14
15
15
16
17
18
25
25
51
78
106
133
161
159
154
149
144
139
134
107
79
52
26
24
21 20
20
23 22
31
30
27 26
29
28
19
34
35
32
33
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
70
67
68
69
71
72
73
74
75
76
77
78
66
110
89
68
47
36
26
9
121
100
79
58
37
27
18
1
2
3
4
5
6
7
8
9
11 10
12
13
14
15
16
17
18
19
22 21 20
23
24
25
26
27
28
29
30
32 31
33
34
35
36
37
38
39
40
43 42 41
44
45
46
47
48
49
50
51
8
9
10
11
12
13
14
19
20
21
22
23
24
15
25
26
27
28
29
30
31
32
16
17
18
64
64 #16
l
101
101 #20
l
G185
185 #22D
M
161*
161 #22
1000 VDC
48
30 #16 (1,2,10-15,22-29,35-48),
18#12 (3-9,16-21,30-34)
59W7
52 #20 (1-52)
7 Coax. (A-G)
#20: 1500 Coax: 1000
l & 500 VDC (Coax)
71
56#20 (1-4,11-30,36-60,65-71)
15 #12 (5-10,31-56,61-64)
l
71C15
56 #20 (1-4,11-30,36-60,65-71)
15 Shielded #12 (5-10, 31-35,61-64)
#20: 1500: #12 Shielded: 500
1&500 VDC (Coax)
78
38 #20 (1-4,14-21,32-39,51-57,
68-78),40 #16 (5-13, 22-31,
40-50,58-67
l
The 59W7 Layout is sold less coaxial contacts, see page 86 for contact part numbers.
32
32 #16
l
51
51 #20
l
G131
131 #220
M
Layout
No. of Contacts
and Wire Size
Service Rating
Layout
No. of Contacts
and Wire Size
Service Rating
Layout
No. of Contacts
and Wire Size
Service Rating
Layout
No. of Contacts
and Wire Size
Service Rating
Layout
No. of Contacts
and Wire Size
Service Rating
*P0S-ALINE DESIGN
In the 161 contact arrangement, the entire pin contact is recessed in and individual cavity in
the plug connector. The socket contact is exposed and extends from the connector receptacle
face. (Pin insulator accepts socket contacts.)
MIL-C-83733
DPK
Contact Arrangements
89
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com