Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-024L Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-024L
Description  Low Power, 5 MBd Digital CMOS Optocoupler
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-024L Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-024L Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Switching Specifications (AC)
Over recommended temperature (TA = -40° C to +105° C), supply voltage (2.7 V ≤ VDD ≤ 5.5 V). All typical specifications
are at VDD = 2.7 V, TA = 25° C
Parameter
Symbol
Part Number
Min
Typ
Max
Units
Test Conditions
Propagation Delay Time to
Logic Low Output [1]
tPHL
130
250
ns
IF = 2.2 mA, CL= 15 pF,
CMOS Signal Levels
(Figure 8, 9 & 12)
Propagation Delay Time to
Logic High Output [1]
tPLH
115
250
ns
Pulse Width Distortion [2]
PWD
200
ns
Propagation Delay Skew [3]
tPSK
220
ns
Output Rise Time
(10% – 90%)
tR
11
ns
IF = 2.2 mA, CL= 15 pF,
CMOS Signal Levels.
Output Fall Time
(90% – 10%)
tF
11
ns
IF = 2.2 mA, CL= 15 pF,
CMOS Signal Levels.
Static Common Mode
Transient Immunity at
Logic High Output [4]
|CMH|25
40
kV/
s
VCM = 1000 V, TA = 25° C,
IF = 2.2 mA, CL= 15 pF, VI = 5 V
(RT = 1.6 k
) or VI = 3.3 V
(RT = 840
)
CMOS Signal Levels
Figure 13
Static Common Mode
Transient Immunity at
Logic Low Output [5]
|CML|25
40
kV/
s
VCM = 1000 V, TA = 25° C,
IF = 0 mA, CL= 15 pF, VI = 0 V
(RT = 1.6 k
) or (RT = 840 )
CMOS Signal Levels
Figure 13
Notes:
1. tPHL propagation delay is measured from the 50% (Vin or IF) on the falling edge of the input pulse to the 50% VDD of the falling edge of the VO signal.
tPLH propagation delay is measured from the 50% (Vin or IF) on the rising edge of the input pulse to the 50% level of the rising edge of the VO signal
2. PWD is defined as |tPHL - tPLH|
3. tPSK is equal to the magnitude of the worst case difference in tPHL and/or tPLH that will be seen between units at any given temperature within the
recommended operating conditions.
4. CMH is the maximum tolerable rate of rise of the common mode voltage to assure that the output will remain in a high logic state.
5. CML is the maximum tolerable rate of rise of the common mode voltage to assure that the output will remain in a low logic state.
6. Use of a 0.1
F bypass capacitor connected between Vdd and ground is recommended.
Package Characteristics
All typical at TA = 25° C
Parameter
Symbol
Part Number
Min
Typ
Max
Units
Test Conditions
Input-Output Insulation
VISO
ACPL-M21L/
024L/021L
3750
Vrms
RH < 50% for 1 min. TA = 25° C
Input-Output Resistance
RI-O
1012
VI-O = 500 V
Input-Output Capacitance
CI-O
0.6
pF
f = 1 MHz, TA = 25° C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com