Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-024L Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-024L
Description  Low Power, 5 MBd Digital CMOS Optocoupler
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-024L Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-024L Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
ACPL-024L/021L SO-8 Package
Solder Reflow Profile
Recommended reflow condition as per JEDEC Standard, J-STD-020 (latest revision). Non-Halide Flux should be used.
Regulatory Information
The ACPL-M21L/024L/021L is approved by the following organizations:
UL
Approval under UL 1577, component recognition program up to VISO = 3750 VRMS for ACPL-M21L/024L/021L
CSA
Approval under CSA Component Acceptance Notice #5.
IEC/EN 60747-5-5 (Option 060 only)
XXXV
YWW
87
6
5
4
3
2
1
5.994 ± 0.203
(0.236 ± 0.008)
3.937 ± 0.127
(0.155 ± 0.005)
0.406 ± 0.076
(0.016 ± 0.003)
1.270
(0.050)
BSC
5.080 ± 0.127
(0.200 ± 0.005)
3.175 ± 0.127
(0.125 ± 0.005)
1.524
(0.060)
45° X
0.432
(0.017)
0.228 ± 0.025
(0.009 ± 0.001)
TYPE NUMBER
(LAST 3 DIGITS)
DATE CODE
0.305
(0.012)
MIN.
0.203 ± 0.102
(0.008 ± 0.004)
7°
PIN ONE
0 ~ 7°
*
* Total package length (inclusive of mold flash)
5.207 ± 0.254 (0.205 ± 0.010)
Dimensions in Millimeters (Inches).
Note: Floating lead protrusion is 0.15 mm (6 mils) max.
Lead coplanarity = 0.10 mm (0.004 inches) max.
Option number 500 not marked.
LAND PATTERN RECOMMENDATION
7.49
(0.295)
1.9
(0.075)
0.64
(0.025)
3.95
(0.156)
1.3
(0.5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com