Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-024L Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-024L
Description  Low Power, 5 MBd Digital CMOS Optocoupler
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-024L Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-024L Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Condition
Storage Temperature
TS
-55
125
°C
Operating Temperature
TA
-40
105
°C
Reverse Input Voltage
VR
5V
Supply Voltage
VDD
6.5
V
Average Forward Input Current
IF
8mA
Peak Forward Input Current
IF(TRAN)
1A
≤ 1
s Pulse Width,
< 300 pulses per second
Output Current
IO
10
mA
Output Voltage
VO
-0.5
VDD +0.5
V
Lead Solder Temperature
TLS
260° C for 10 sec., 1.6 mm below seating plane
Solder Reflow Temperature Profile
See Package Outline Drawings section
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Units
Operating Temperature
TA
-40
105
°C
Input Current, Low Level
IFL
0
250
A
Input Current, High Level
IFH
1.6*
6
mA
Power Supply Voltage
VDD
2.7
5.5
V
Forward Input Voltage
VF (OFF)
0.8
V
*
The initial switching threshold is 1.6 mA or less. It is recommended that 2.2 mA be used to permit at least a 20% LED degradation guardband.
Electrical Specifications (DC)
Over recommended temperature (TA = -40° C to 105° C) and supply voltage (2.7 V ≤ VDD ≤ 5.5 V). All typical specifications
are at VDD = 2.7 V, TA = 25° C, unless otherwise specified.
Parameter
Symbol
Part Number
Min
Typ
Max
Units
Test Conditions
Input Forward Voltage
VF
1.5
2.0
V
IF = 2 mA (Figure 1 & 2)
Input Reverse
Breakdown Voltage
BVR
811
V
IR = 10
A
Logic High Output Voltage
VOH
VDD - 0.1
V
IF = 2.2 mA, IO = -20
A
VDD - 1.0
V
IF = 2.2 mA, IO = -3.2 mA
(Figure 3)
Logic Low Output Voltage
VOL
0.001
0.1
V
IF = 0 mA, IO = 20
A
0.15
0.4
V
IF = 0 mA, IO = 3.2 mA
(Figure 4)
Input Threshold Current
ITH
0.5
1.4
mA
Figure 5
Logic Low Output Supply
Current
IDDL
0.6
1.1
mA
VF = 0 V, VDD = 5.5 V,
IO = Open (Figure 6)
Logic High Output Supply
Current
IDDH
0.5
1.1
mA
IF = 2.2 mA, VDD = 5.5 V,
IO = Open (Figure 7)
Input Capacitance
CIN
77
pF
f = 1 MHz, VF = 0 V
Input Diode Temperature
Coefficient
VF/TA
-1.9
mV/°C
IF = 2.2 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com