Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8CMBR2016 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY8CMBR2016
Description  CapSense짰 Express??16 Button Matrix Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CMBR2016 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY8CMBR2016 Datasheet HTML 9Page - Cypress Semiconductor CY8CMBR2016 Datasheet HTML 10Page - Cypress Semiconductor CY8CMBR2016 Datasheet HTML 11Page - Cypress Semiconductor CY8CMBR2016 Datasheet HTML 12Page - Cypress Semiconductor CY8CMBR2016 Datasheet HTML 13Page - Cypress Semiconductor CY8CMBR2016 Datasheet HTML 14Page - Cypress Semiconductor CY8CMBR2016 Datasheet HTML 15Page - Cypress Semiconductor CY8CMBR2016 Datasheet HTML 16Page - Cypress Semiconductor CY8CMBR2016 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
CY8CMBR2016
Document Number: 001-67921 Rev. *C
Page 13 of 28
For more information on MultiChart tool, refer AN2397 -
CapSense Data Viewing Tools, method 2.
■ The MultiChart tool arranges the data in the format as shown
in Table 5 on page 13.
■ The Serial Debug Data is sent by the device in the order shown
in Table 6 on page 13.
Table 5. Serial Debug Data Arranged in MultiChart
Sl. No.
Raw Count Array
Baseline Array
Difference Count array
MSB
LSB
MSB
LSB
MSB
LSB
0
CS0_RC
CS0_BL
CS0_DIFF
1
CS1_RC
CS1_BL
CS1_DIFF
2
CS2_RC
CS2_BL
CS2_DIFF
3
CS3_RC
CS3_BL
CS3_DIFF
4
CS4_RC
CS4_BL
CS4_DIFF
5
CS5_RC
CS5_BL
CS5_DIFF
6
CS6_RC
CS6_BL
CS6_DIFF
7
CS7_RC
CS7_BL
CS7_DIFF
8
CS8_RC
CS8_BL
CS8_DIFF
9
CS9_RC
CS9_BL
CS9_DIFF
10
CS10_RC
CS10_BL
CS10_DIFF
11
CS11_RC
CS11_BL
CS11_DIFF
12
CS12_RC
CS12_BL
CS12_DIFF
13
CS13_RC
CS13_BL
CS13_DIFF
14
CS14_RC
CS14_BL
CS14_DIFF
15
CS15_RC
CS15_BL
CS15_DIFF
16
0x00
F/W Rev
CS_Status
0x00
CS10_CP
17
0x00
CS0_CP
0x00
CS5_CP
0x00
CS11_CP
18
0x00
CS1_CP
0x00
CS6_CP
0x00
CS12_CP
19
0x00
CS2_CP
0x00
CS7_CP
0x00
CS13_CP
20
0x00
CS3_CP
0x00
CS8_CP
0x00
CS14_CP
21
0x00
CS4_CP
0x00
CS9_CP
0x00
CS15_CP
Table 6. Serial Data Output sent by CY8CMBR2016
BYTE
DATA
Notes
0
0x0D
Dummy variables for multi chart tool
1
0x0A
2
CS0_RC
CS0 Raw counts, unsigned 16-bit integer
3
4
CS1_RC
CS1 Raw counts, unsigned 16-bit integer
5
6
CS2_RC
CS2 Raw counts, unsigned 16-bit integer
7
-----
------------
------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com