Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8CMBR2016 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CY8CMBR2016
Description  CapSense짰 Express??16 Button Matrix Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CMBR2016 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CY8CMBR2016 Datasheet HTML 17Page - Cypress Semiconductor CY8CMBR2016 Datasheet HTML 18Page - Cypress Semiconductor CY8CMBR2016 Datasheet HTML 19Page - Cypress Semiconductor CY8CMBR2016 Datasheet HTML 20Page - Cypress Semiconductor CY8CMBR2016 Datasheet HTML 21Page - Cypress Semiconductor CY8CMBR2016 Datasheet HTML 22Page - Cypress Semiconductor CY8CMBR2016 Datasheet HTML 23Page - Cypress Semiconductor CY8CMBR2016 Datasheet HTML 24Page - Cypress Semiconductor CY8CMBR2016 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
CY8CMBR2016
Document Number: 001-67921 Rev. *C
Page 21 of 28
Electrical Specifications
This section presents the DC and AC electrical specifications of the CY8CMBR2044 device.
Table 8. Absolute Maximum Ratings
Parameter
Description
Min
Typ
Max
Unit
Notes
TSTG
Storage temperature
–55
25
+125
°C
Higher storage temperatures reduce data
retention time. Recommended storage
temperature is +25 °C ± 25 °C. Extended
duration storage temperatures above 85 °C
degrade reliability.
VDD
Supply voltage relative to VSS
–0.5
–
+6.0
V
–
VIO
DC voltage on CapSense inputs
and digital output pins
VSS – 0.5
–
VDD + 0.5
V
–
IMIG
Maximum current into any GPO
output pin
–25
–
+50
mA
–
ESD
Electrostatic discharge voltage
2000
–
–
V
Human body model ESD
LU
Latch up current
–
–
200
mA
In accordance with JESD78 standard
Table 9. Operating Temperature
Parameter
Description
Min
Typ
Max
Unit
Notes
TA
Ambient temperature
–40
–
+85
°C
–
TC
Commercial temperature
0
–
+70
°C
–
TJ
Operational die temperature
–40
–
+100
°C
–
DC Electrical Characteristics
The following table lists guaranteed maximum and minimum specifications for the entire voltage and temperature ranges.
Table 10. DC Chip Level Specifications
Parameter
Description
Min
Typ
Max
Unit
Notes
VDD[4, 5, 6]
Supply voltage
1.71
–
5.5
V
–
IDD
Supply current
–
3.3
4.0
mA
Conditions are VDD = 3.0 V, TA = 25 °C
IDA
Active current
–
3.3
4.0
mA
Conditions are VDD = 3.0 V, TA = 25 °C,
continuous sensor scan
IDS
Deep sleep current
–
0.1
0.5
A
Conditions are VDD = 3.0 V, TA = 25 °C
IAV1
Average current
–
0.25
–
mA
Conditions are VDD = 3.0 V, TA = 25 °C and
16 buttons used, with 0% touch time, CP of
all sensors < 19 pFand scan rate = 250 ms
IAV2
Average current
–
2.13
–
mA
Conditions are VDD = 3.0 V, TA = 25 °C and
16 buttons used, with 50% touch time, CP of
all sensors < 19 pFand scan rate = 250 ms,
Key Scan mode enabled
IAV3
Average current
–
0.42
–
mA
Conditions are VDD = 3.0 V, TA = 25 °C and
16 buttons used, with 0% touch time, CP of
all sensors >19 pF and < 40 pF and scan
rate = 250 ms
IAV4
Average current
–
2.2
–
mA
Conditions are VDD = 3.0 V, TA = 25 °C and
16 buttons used, with 50% touch time, CP of
all sensors >19 pF and < 40 pF and scan
rate = 250 ms, Key Scan mode enabled
Notes
4. When VDD remains in the range from 1.75 V to 1.9 V for more than 50 µs, the slew rate when moving from the 1.75 V to 1.9 V range to greater than 2 V must be
slower than 1 V/500 µs. This helps to avoid triggering POR. The only other restriction on slew rates for any other voltage range or transition is the SRPOWER_UP
parameter.
5. After power down, ensure that VDD falls below 100 mV before powering backup.
6. For proper CapSense block functionality, if the drop in VDD exceeds 5% of the base VDD, the rate at which VDD drops should not exceed 200 mV/s. Base VDD can
be between 1.8 V and 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com