Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8CMBR2016 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY8CMBR2016
Description  CapSense짰 Express??16 Button Matrix Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CMBR2016 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY8CMBR2016 Datasheet HTML 1Page - Cypress Semiconductor CY8CMBR2016 Datasheet HTML 2Page - Cypress Semiconductor CY8CMBR2016 Datasheet HTML 3Page - Cypress Semiconductor CY8CMBR2016 Datasheet HTML 4Page - Cypress Semiconductor CY8CMBR2016 Datasheet HTML 5Page - Cypress Semiconductor CY8CMBR2016 Datasheet HTML 6Page - Cypress Semiconductor CY8CMBR2016 Datasheet HTML 7Page - Cypress Semiconductor CY8CMBR2016 Datasheet HTML 8Page - Cypress Semiconductor CY8CMBR2016 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
CY8CMBR2016
Document Number: 001-67921 Rev. *C
Page 3 of 28
Pinout
Table 1. Pinout for the Device
Pin
Pin Name
Type
Description
Figure 1. Device Pinout
1
NC
–
No connection
2
OUT_7
DO
READ_3/TT_ROW_3/EO_3/
FMEA_CLK line - Output port
interface pin 7
3
OUT_5
DO
READ_1/TT_ROW_1/EO_1 -
Output port interface pin 5
4
OUT_3
DIO
SCAN_3/TT_COL_3 - Output port
interface pin 3
5
OUT_1
DIO
SCAN_1/TT_COL_1 - Output port
interface pin 1
6
OUT_SEL
AI
Selects the output interface
7
ARST
AI
Controls button auto reset period
8
CS9
AI
CapSense button 9
9
CS8
AI
CapSense button 8
10
CS13
AI
CapSense button 13
11
CS12
AI
CapSense button 12
12
NC
–
Reserved pin
13
FSS
DI
Controls FSS feature
14
NC
–
No connection
15
NC
–
No connection
16
SLEEP
DI
Controls entry/exit to Deep Sleep
17
DEBUG
DO
Serial Debug Data out from the
device (UART TX8 line)
18
VSS
–GND
19
NC
–
No connection
34
OUT_2
DIO
SCAN_2/TT_COL_2 - Output port
interface pin 2
20
NC
–
No connection
35
OUT_4
DO
READ_0/TT_ROW_0/EO_0 - Output
port interface pin 4
21
VDD
–
Power supply
36
OUT_6
DO
READ_0/TT_ROW_0/EO_2/FMEA_D
ATA - Output port interface pin 6
22
SENSITIVITY
AI
Selects the sensitivity of the CS
system
37
CS3
AI
CapSense button 3
23
NC
–
Reserved for shield out
38
CS2
AI
CapSense button 2
24
BUZZER
DO
Connects to DC Buzzer for audio
feedback
39
CS1
AI
CapSense button 1
25
SCAN
AI
Controls the sleep rate of the
system
40
CS0
AI
CapSense button 0
26
XRES
DI
System reset pin
41
Vdd
–
Power supply
27
CS15
AI
CapSense button 15
42
NC
–
No connection
28
CS14
AI
CapSense button 14
43
NC
–
No connection
29
CS11
AI
CapSense button 11
44
CS5
AI
CapSense button 5
30
CS10
AI
CapSense button 10
45
CS4
AI
CapSense button 4
31
CS7
AI
CapSense button 7
46
INT
DO
Interrupt line to Host
32
CS6
AI
CapSense button 6
47
Vss
–
GND
33
OUT_0
DIO
SCAN_0/TT_COL_0 - Output port
interface pin 0
48
CMOD
AI
Modulator capacitor, 2.2 nF
CY8CMBR2016
NC
35
34
33
32
36
1
2
3
4
5
(Top View)
10
11
12
31
30
29
28
27
26
25
XRES
6
7
8
9
NC
CS12
CS13
CS8
CS9
ARST
OUT_SEL
OUT_7
SCAN
CS15
CS14
CS11
CS10
CS7
CS6
OUT_5
OUT_3
OUT_1
OUT_6
OUT_4
OUT_2
OUT_0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com