Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5142ABCPZ100-RL7 Datasheet(PDF) 26 Page - Analog Devices

Part # AD5142ABCPZ100-RL7
Description  The AD5122A/AD5142A are available in a compact, 16-lead, 3 mm 횞 3 mm LFCSP and a 16-lead TSSOP.
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5142ABCPZ100-RL7 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD5142ABCPZ100-RL7 Datasheet HTML 22Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 23Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 24Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 25Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 26Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 27Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 28Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 29Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
AD5122A/AD5142A
Data Sheet
Rev. A | Page 26 of 32
RDAC ARCHITECTURE
To achieve optimum performance, Analog Devices, Inc., has
patented the RDAC segmentation architecture for all the digital
potentiometers. In particular, the AD5122A/AD5142A employ
a three-stage segmentation approach, as shown in Figure 37.
The AD5122A/AD5142A wiper switch is designed with the
transmission gate CMOS topology and with the gate voltage
derived from VDD and VSS.
7-BIT/8-BIT
ADDRESS
DECODER
RL
W
RL
A
RH
RH
RM
RM
B
RM
RM
RH
RH
STS
SBS
Figure 37. AD5122A/AD5142A Simplified RDAC Circuit
Top Scale/Bottom Scale Architecture
In addition, the AD5122A/AD5142A include new positions to
reduce the resistance between terminals. These positions are
called bottom scale and top scale. At bottom scale, the typical
wiper resistance decreases from 130 Ω to 60 Ω (RAB = 100 kΩ).
At top scale, the resistance between Terminal A and Terminal W
is decreased by 1 LSB, and the total resistance is reduced to
60 Ω (RAB = 100 kΩ).
PROGRAMMING THE VARIABLE RESISTOR
Rheostat Operation—±8% Resistor Tolerance
The AD5122A/AD5142A operate in rheostat mode when only two
terminals are used as a variable resistor. The unused terminal can
be floating, or it can be tied to Terminal W, as shown in Figure 38.
A
W
B
A
W
B
A
W
B
Figure 38. Rheostat Mode Configuration
The nominal resistance between Terminal A and Terminal B,
RAB, is 10 kΩ or 100 kΩ, and has 128/256 tap points accessed by
the wiper terminal. The 7-bit/8-bit data in the RDAC latch is
decoded to select one of the 128/256 possible wiper settings. The
general equations for determining the digitally programmed
output resistance between Terminal W and Terminal B are
AD5122A:
W
AB
WB
R
R
D
D
R
128
)
(
From 0x00 to 0x7F
(1)
AD5142A:
W
AB
WB
R
R
D
D
R
256
)
(
From 0x00 to 0xFF
(2)
where:
D is the decimal equivalent of the binary code in the 7-bit/8-bit
RDAC register.
RAB is the end-to-end resistance.
RW is the wiper resistance.
In potentiometer mode, similar to the mechanical potentiometer,
the resistance between Terminal W and Terminal A also
produces a digitally controlled complementary resistance, RWA.
RWA also gives a maximum of 8% absolute resistance error. RWA
starts at the maximum resistance value and decreases as the data
loaded into the latch increases. The general equations for this
operation are
AD5122A:
W
AB
AW
R
R
D
D
R
128
128
)
(
From 0x00 to 0x7F
(3)
AD5142A:
W
AB
AW
R
R
D
D
R
256
256
)
(
From 0x00 to 0xFF (4)
where:
D is the decimal equivalent of the binary code in the 7-bit/8-bit
RDAC register.
RAB is the end-to-end resistance.
RW is the wiper resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com