Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5142ABCPZ100-RL7 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5142ABCPZ100-RL7
Description  The AD5122A/AD5142A are available in a compact, 16-lead, 3 mm 횞 3 mm LFCSP and a 16-lead TSSOP.
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5142ABCPZ100-RL7 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5142ABCPZ100-RL7 Datasheet HTML 17Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 18Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 19Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 20Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 21Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 22Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 23Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 24Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Data Sheet
AD5122A/AD5142A
Rev. A | Page 21 of 32
Table 10. Reduced Commands Operation Truth Table
Command
Number
Control
Bits[DB15:DB12]
Address
Bits[DB11:DB8]1
Data Bits[DB7:DB0]1
C3
C2
C1
C0
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Operation
0
0
0
0
0
X
X
X
X
X
X
X
X
X
X
X
X
NOP: do nothing
1
0
0
0
1
0
0
0
A0
D7
D6
D5
D4
D3
D2
D1
D0
Write contents of serial register
data to RDAC
2
0
0
1
0
0
0
0
A0
D7
D6
D5
D4
D3
D2
D1
D0
Write contents of serial register
data to input shift register
3
0
0
1
1
0
0
A1
A0
X
X
X
X
X
X
D1
D0
Read back contents
D1
D0
Data
0
1
EEPROM
1
1
RDAC
9
0
1
1
1
0
0
0
A0
X
X
X
X
X
X
X
1
Copy RDAC register to EEPROM
10
0
1
1
1
0
0
0
A0
X
X
X
X
X
X
X
0
Copy EEPROM into RDAC
14
1
0
1
1
X
X
X
X
X
X
X
X
X
X
X
X
Software reset
15
1
1
0
0
A3
0
0
A0
X
X
X
X
X
X
X
D0
Software shutdown
D0
Condition
0
Normal mode
1
Shutdown mode
1
X = don’t care.
Table 11. Reduced Address Bits Table
A3
A2
A1
A0
Channel
Stored Channel Memory
1
X1
X1
X1
All channels
Not applicable
0
0
0
0
RDAC1
RDAC1
0
0
0
1
RDAC2
Not applicable
0
0
1
0
Not applicable
RDAC2
1
X = don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com