Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS6512 Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS6512
Description  Capacitive Sensor Signal Interface IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6512 Datasheet(HTML) 4 Page - Micro Analog systems

  MAS6512 Datasheet HTML 1Page - Micro Analog systems MAS6512 Datasheet HTML 2Page - Micro Analog systems MAS6512 Datasheet HTML 3Page - Micro Analog systems MAS6512 Datasheet HTML 4Page - Micro Analog systems MAS6512 Datasheet HTML 5Page - Micro Analog systems MAS6512 Datasheet HTML 6Page - Micro Analog systems MAS6512 Datasheet HTML 7Page - Micro Analog systems MAS6512 Datasheet HTML 8Page - Micro Analog systems MAS6512 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DA6512.000
11 July, 2012
4 (26)
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDD = 2.7 V, TA = -40°C to +85°C, typical values at TA = +27°C, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Internal offset capacitor
matrix selection
CR_OS, CS_OS
COS_STEP
0
0.086
22
pF
Changing capacitance
range in capacitance
difference mode
CDIFF
No internal clock division
Internal clock / 2
2
2
20
30
pF
Maximum allowed sensor
capacitance in capacitance
difference mode
CS_MAX
Internal clock
Internal clock / 2
External clock
20
40
Note 1.
pF
Changing capacitance
range in capacitance ratio
mode
CRATIO
Note 2.
2
20
pF
Maximum allowed sensor
capacitance in capacitance
ratio mode
CS_MAX
Note 2.
20
>20
pF
Integral nonlinearity
INL
OSR=256, capacitance
difference mode
0.012
% of
C
RMS resolution
Difference mode
CODEDIFF~(CS-CR)
C=20pF
OSR=4096
14
bit
RMS resolution
Ratio mode
CODERATIO~(CS-CR)/CS
C=20pF
OSR=4096
14
bit
Internal temperature
sensor
Linearity
±0.35
±0.5
°C
Gain
OSR=4096
OSR=2048
OSR=1024
OSR=512
OSR=256
267,8
267,6
267,3
33,3
4,1
LSB/
°C
Non-calibrated, note 3.
-4.5
+3.5
%
Offset
Non-calibrated, note 3.
±11
°C
Note 1. In capacitance difference mode the maximum allowed sensor and reference capacitor values can be extended using lower external
oscillator frequency; CS_MAX=20pF*200kHz/f OSC_EXT.
Note 2. In capacitance ratio mode also larger capacitances are possible depending on sensor characteristics. Please contact Micro Analog
Systems to check sensor suitability.
Note 3. By calibrating the temperature measurement and compensating offset and gain errors an overall accuracy close to the linearity
accuracy can be achieved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com