Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS6512 Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS6512
Description  Capacitive Sensor Signal Interface IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6512 Datasheet(HTML) 1 Page - Micro Analog systems

  MAS6512 Datasheet HTML 1Page - Micro Analog systems MAS6512 Datasheet HTML 2Page - Micro Analog systems MAS6512 Datasheet HTML 3Page - Micro Analog systems MAS6512 Datasheet HTML 4Page - Micro Analog systems MAS6512 Datasheet HTML 5Page - Micro Analog systems MAS6512 Datasheet HTML 6Page - Micro Analog systems MAS6512 Datasheet HTML 7Page - Micro Analog systems MAS6512 Datasheet HTML 8Page - Micro Analog systems MAS6512 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DA6512.000
11 July, 2012
I
2C is a registered trademark of NXP.
1 (26)
MAS6512
Capacitive Sensor Signal Interface IC
Single or Dual Capacitance Sensors
Low Voltage Operation
Low Power Consumption
On Chip Temperature Sensor
Internal Clock Oscillator
16-Bit Ratiometric ∆
∆Σ
Σ
Σ
Σ CDC
EEPROM Calibration Memory
Serial Interface
DESCRIPTION
MAS6512 capacitive sensor signal Interface IC can
interface both single and dual capacitance sensors.
It
uses
a
16-bit
Capacitance-to-Digital
Converter (CDC), which employs a delta-sigma
( Σ) conversion technique. The output data from
the
Σ-modulator is processed by an on-chip
decimator
filter,
producing
a
high
resolution
conversion result. The converter is run by an
internal
clock
oscillator
making
an
external
converter clock unnecessary.
The converter input range is programmable
to meet various sensor offset and changing
capacitance values. Maximum sensor capacitance
is 40pF but higher maximum value can be reached
by using slower conversion speed or scaling the
signal by using an external series capacitor.
The measurement resolution depends on
the programmed capacitance range and over
sampling ratio (OSR) selections.
MAS6512
supports
two
capacitance
measurement
modes.
The
output
can
be
proportional either to capacitance difference (CS-CR)
or to capacitance ratio (CS-CR)/CS.
The IC is designed especially to meet the
requirement for low power consumption, thus
making it an ideal choice for battery powered
systems. Current consumption values of 28 µA with
high resolution or 1.9 µA with low resolution, at a
conversion rate of one conversion per second, can
be achieved.
In addition to measuring capacitance the
device has an internal temperature sensor for
temperature
measurement
and
temperature
compensation purposes. The 256-bit EEPROM
memory stores trimming and calibration coefficients
on chip.
A serial interface, compatible with a bi-
directional 2-wire I
2C bus and 4-wire SPI bus, is
used for conversion setup, starting a conversion
and reading the conversion result.
FEATURES
APPLICATIONS
Single and Differential Capacitive Sensors
Sensor Offset and Gain Adjustment
Changing Capacitance Range 2pF…30pF
Internal Offset Capacitance Matrix 0pF…22pF
External Capacitance up to 40pF (or higher
using external clock)
Resolution 14 bit (OSR=4096, ∆C=20pF)
Internal Clock Oscillator
On Chip Temperature Sensor -40°C...+85°C
Low Voltage Operation 1.8 V…3.6 V
Low Supply Current: 1.9 µA...28 µA
Conversion Time 5.8ms...82.6ms (12Hz...173Hz)
16-bit Ratiometric ∆Σ CDC
Internal 256-bit EEPROM Calibration Memory
I
2C and SPI Compatible Serial Interface
QFN-16 Package
Capacitive Pressure Sensors
Humidity Sensors
Medical Devices
Flow Meters
Sport Watches
Altimeter and Barometer Systems
Mobile and Battery Powered Systems
Low Frequency Measurement applications
Current/Power Consumption Critical Systems
Industrial and Process Control applications in
noisy environments
This is preliminary information on a new
product under development. Micro Analog
Systems Oy reserves the right to make any
changes without notice.


Similar Part No. - MAS6512

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6512 MAS-MAS6512 Datasheet
1Mb / 32P
Capacitive Sensor Signal Interface IC
MAS6512BA1Q1706 MAS-MAS6512BA1Q1706 Datasheet
1Mb / 32P
Capacitive Sensor Signal Interface IC
MAS6512BA1WAB05 MAS-MAS6512BA1WAB05 Datasheet
1Mb / 32P
Capacitive Sensor Signal Interface IC
MAS6512BA1WAD00 MAS-MAS6512BA1WAD00 Datasheet
1Mb / 32P
Capacitive Sensor Signal Interface IC
MAS6512 MAS-MAS6512_16 Datasheet
1Mb / 32P
Capacitive Sensor Signal Interface IC
More results

Similar Description - MAS6512

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6420 EMMICRO-EM6420 Datasheet
110Kb / 1P
Ultra Low Power Capacitive Touch Sensor Interface IC
logo
ams AG
AS1716 AMSCO-AS1716 Datasheet
419Kb / 12P
Capacitive Sensor Interface
AS1716_V2 AMSCO-AS1716_V2 Datasheet
323Kb / 12P
Capacitive Sensor Interface
logo
Integrated Device Techn...
ZSSC3123 IDT-ZSSC3123 Datasheet
688Kb / 63P
Capacitive Sensor Signal Conditioner
logo
EM Microelectronic - MA...
EM6420 EMMICRO-EM6420_12 Datasheet
849Kb / 54P
Ultra Low Power Capacitive Touch Sensor Interface IC
logo
Micro Analog systems
MAS6512 MAS-MAS6512_16 Datasheet
1Mb / 32P
Capacitive Sensor Signal Interface IC
MAS6510 MAS-MAS6510 Datasheet
800Kb / 32P
Capacitive Sensor Signal Interface IC
MAS6505 MAS-MAS6505 Datasheet
1Mb / 44P
Piezoresistive Sensor Signal Interface IC
MAS6503 MAS-MAS6503 Datasheet
1Mb / 34P
Piezoresistive Sensor Signal Interface IC
logo
Renesas Technology Corp
ZSSC3230 RENESAS-ZSSC3230 Datasheet
1Mb / 39P
Capacitive Sensor Signal Conditioner IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com