Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS6512 Datasheet(PDF) 6 Page - Micro Analog systems

Part # MAS6512
Description  Capacitive Sensor Signal Interface IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6512 Datasheet(HTML) 6 Page - Micro Analog systems

Back Button MAS6512 Datasheet HTML 2Page - Micro Analog systems MAS6512 Datasheet HTML 3Page - Micro Analog systems MAS6512 Datasheet HTML 4Page - Micro Analog systems MAS6512 Datasheet HTML 5Page - Micro Analog systems MAS6512 Datasheet HTML 6Page - Micro Analog systems MAS6512 Datasheet HTML 7Page - Micro Analog systems MAS6512 Datasheet HTML 8Page - Micro Analog systems MAS6512 Datasheet HTML 9Page - Micro Analog systems MAS6512 Datasheet HTML 10Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DA6512.000
11 July, 2012
6 (26)
OPERATING MODES
MAS6512
has
two
capacitance
measurement
modes and one temperature measurement mode.
In capacitance measurement mode the output is
proportional to either capacitance difference (CS-CR)
or to capacitance ratio (CS-CR)/CS. In temperature
measurement mode the output is proportional to the
absolute temperature.
Measurement mode configuration and start of
conversion is done by writing 8-bit configuration
data to the Measurement control register (address
E2HEX). See further details in the Measurement
control register chapter.
MAS6512 includes a 256-bit EEPROM memory for
storing trim and calibration data on chip. Four bytes
(32 bits) of EEPROM are reserved for trim values
but the remaining 28 bytes (224 bits) are free for
calibration and other data.
The stored trim data consists of measurement
configuration settings that are automatically read
from EEPROM memory in the beginning of each
conversion.
The calibration data should comprise of calibration
and temperature compensation coefficients that can
be used to calculate accurate calibrated sensor and
temperature measurement results from the non-
calibrated measurement reading. All calculations
need to be done in an external micro controller unit
(MCU).
A calibrated MAS6512 sensor system should be
operated as illustrated in figure 2. The calibration
and compensation coefficients need to be read to
the MCU memory only once. From each pair of
sensor and temperature measurement readings the
accurate sensor and temperature values can then
be calculated by using an external MCU.
All communication with MAS6512 is done using
either the I
2C
® bus or the SPI bus. Starting an A/D
conversion, reading the conversion result and
reading and writing data from and to the EEPROM
memory are all accomplished via serial bus
communication.
In addition to the serial buses the digital interface
includes also end-of-conversion (EOC) and master
reset (XCLR) pins. See A/D Conversion in the Serial
Data Interface (I
2C
® Bus) Control chapter.
Figure 2.
Flow chart for a calibrated MAS6512 sensor system
START
READ EEPROM
CALIBRATION DATA
MEASURE SENSOR
MEASURE TEMPERATURE
CALCULATE CALIBRATED
TEMPERATURE
CALCULATE TEMPERATURE
COMPENSATED SENSOR VALUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com