Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4065A Datasheet(PDF) 5 Page - Active-Semi, Inc

Part # ACT4065A
Description  High Input 2A Step Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4065A Datasheet(HTML) 5 Page - Active-Semi, Inc

  ACT4065A Datasheet HTML 1Page - Active-Semi, Inc ACT4065A Datasheet HTML 2Page - Active-Semi, Inc ACT4065A Datasheet HTML 3Page - Active-Semi, Inc ACT4065A Datasheet HTML 4Page - Active-Semi, Inc ACT4065A Datasheet HTML 5Page - Active-Semi, Inc ACT4065A Datasheet HTML 6Page - Active-Semi, Inc ACT4065A Datasheet HTML 7Page - Active-Semi, Inc ACT4065A Datasheet HTML 8Page - Active-Semi, Inc ACT4065A Datasheet HTML 9Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Innovative Power
TM
- 5 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ACT4065A
Rev 0, 23-Apr-12
®
Input Capacitor
The input capacitor needs to be carefully selected to
maintain sufficiently low ripple at the supply input of
the converter. A low ESR capacitor is highly recom-
mended. Since a large current flows in and out of
this capacitor during switching, its ESR also affects
efficiency.
The input capacitance needs to be higher than
10µF. The best choice is the ceramic type; however,
low ESR tantalum or electrolytic types may also be
used provided that the RMS ripple current rating is
higher than 50% of the output current. The input
capacitor should be placed close to the IN and G
pins of the IC, with shortest possible traces. In the
case of tantalum or electrolytic types, they can be
further away if a small parallel 0.1µF ceramic ca-
pacitor is placed right next to the IC.
Output Capacitor
The output capacitor also needs to have low ESR to
keep low output voltage ripple. The output ripple
voltage is:
where IOUTMAX is the maximum output current,
KRIPPLE is the ripple factor, RESR is the ESR
resistance of the output capacitor, fSW is the
switching frequency, L is the inductor value, COUT is
the output capacitance, RESR is very small and does
not contribute to the ripple. Therefore, a lower ca-
pacitance value can be used for ceramic type. In the
case of tantalum or electrolytic type, the ripple is
dominated by RESR multiplied by the ripple current.
In that case, the output capacitor is chosen to have
sufficiently low ESR.
For ceramic output type, typically choose a
capacitance of about 22µF. For tantalum or
electrolytic type, choose a capacitor with less than
50mΩ ESR.
Rectifier Diode
Use a Schotky diode as the rectifier to conduct cur-
rent when the High-Side Power Switch is off. The
Schottky diode must have current rating higher than
the maximum output current and the reverse volt-
age rating higher than the maximum input voltage.
APPLICATIONS INFORMATION
Output Voltage Setting
Figure 1:
Output Voltage Setting
Figure 1 shows the connections for setting the out-
put voltage. Select the proper ratio of the two feed-
back resistors RFB1 and RFB2 based on the output
voltage. Typically, use RFB2 ≈ 10kΩ and determine
RFB1 from the output voltage:
Inductor Selection
The inductor maintains a continuous current to the
output load. This inductor current has a ripple that is
dependent on the inductance value: higher induc-
tance reduces the peak-to-peak ripple current. The
trade off for high inductance value is the increase in
inductor core size and series resistance, and the
reduction in current handling capability. In general,
select an inductance value L based on ripple current
requirement:
where VIN is the input voltage, VOUT is the output
voltage, fSW is the switching frequency, IOUTMAX is the
maximum output current, and KRIPPLE is the ripple
factor.
Typically,
choose
KRIPPLE = 30% to
correspond to the peak-to-peak ripple current being
30% of the maximum output current.
With this inductor value (Table 1), the peak inductor
current is IOUT × (1 + KRIPPLE / 2). Make sure that this
peak inductor current is less that the 3A current limit.
Finally, select the inductor core size so that it does
not saturate at 3A.
Table 1.
Typical Inductor Values
VOUT
1.5V
1.8V
2.5V
3.3V
5V
L
10μH
10μH
15μH
22μH
33μH
(1)
⎟
⎠
⎞
⎜
⎝
⎛
−
=
1
V
808
.
0
V
R
R
OUT
2
FB
1
FB
(2)
()
RIPPLE
OUTMAX
SW
IN
OUT
IN
OUT
K
I
f
V
V
V
V
L
−
×
=
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
+
=
OUT
2
SW
IN
ESR
RIPPLE
OUTMAX
RIPPLE
LC
f
28
V
R
K
I
V
(3)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com