Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4065A Datasheet(PDF) 6 Page - Active-Semi, Inc

Part # ACT4065A
Description  High Input 2A Step Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4065A Datasheet(HTML) 6 Page - Active-Semi, Inc

  ACT4065A Datasheet HTML 1Page - Active-Semi, Inc ACT4065A Datasheet HTML 2Page - Active-Semi, Inc ACT4065A Datasheet HTML 3Page - Active-Semi, Inc ACT4065A Datasheet HTML 4Page - Active-Semi, Inc ACT4065A Datasheet HTML 5Page - Active-Semi, Inc ACT4065A Datasheet HTML 6Page - Active-Semi, Inc ACT4065A Datasheet HTML 7Page - Active-Semi, Inc ACT4065A Datasheet HTML 8Page - Active-Semi, Inc ACT4065A Datasheet HTML 9Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Innovative Power
TM
- 6 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ACT4065A
Rev 0, 23-Apr-12
®
The feedback system of the IC is stabilized by the
components at COMP pin, as shown in Figure 2.
The DC loop gain of the system is determined by
the following equation:
The dominant pole P1 is due to CCOMP:
The second pole P2 is the output pole:
The first zero Z1 is due to RCOMP and CCOMP:
And finally, the third pole is due to RCOMP and
CCOMP2 (if CCOMP2 is used):
Follow the following steps to compensate the IC:
STEP 1. Set the cross over frequency at 1/5 of the
switching frequency via RCOMP:
but limit RCOMP to 15kΩ maximum.
STEP 2. Set the zero fZ1 at 1/4 of the cross over
frequency. If RCOMP is less than 15kΩ, the equation
for CCOMP is:
If RCOMP is limited to 15kΩ, then the actual cross
over frequency is 6.1/ (VOUTCOUT). Therefore:
STEP 3. If the output capacitors ESR is high enough
to cause a zero at lower than 4 times the cross over
frequency, an additional compensation capacitor
CCOMP2 is required. The condition for using CCOMP2 is
required. The condition for using CCOMP2 is:
And the proper value for CCOMP2 is:
Though CCOMP2 is unnecessary when the output ca-
pacitor has sufficiently low ESR, a small value
CCOMP2 such as 100pF may improve stability against
PCB layout parasitic effects.
Table 2 shows some calculated results based on the
compensation method above.
Table 2:
Typical Compensation for Different Output volt-
ages and Output Capacitors
Figure 3 shows a sample ACT4065A application
circuit generating a 2.5V/2A output.
VOUT
COUT
RCOMP CCOMP
CCOMP2
2.5V
22μF Ceramic
12kΩ
2.2nF
None
3.3V
22μF Ceramic
12kΩ
1.5nF
None
5V
22μF Ceramic
15kΩ
2.2nF
None
2.5V
47μF SP Cap
15kΩ
1.5nF
None
3.3V
47μF SP Cap
15kΩ
1.8nF
None
5V
47μF SP Cap
15kΩ
2.7nF
None
2.5V
470µF/6.3V/30mΩ
15kΩ
1.5nF
47pF
3.3V
470µF/6.3V/30mΩ
15kΩ
2.2nF
47pF
5V
470µF/10V/30mΩ
15kΩ
2.7nF
47pF
: CCOMP2 is needed only for high ESR output capacitors
: CCOMP2 is needed only for high ESR output capacitors
Stability compensation
Figure 2:
Stability Compensation
COMP
VEA
OUT
VDC
G
A
I
V
808
.
0
A
=
(4)
COMP
VEA
EA
1
P
C
A
π
2
G
f
=
(5)
OUT
OUT
OUT
2
P
C
V
π
2
I
f
=
(6)
COMP
COMP
1
Z
C
R
π
2
1
f
=
(7)
COMP2
COMP
3
P
C
R
π
2
1
f
=
(8)
(9)
V
808
.
0
G
G
10
f
C
V
2
R
COMP
EA
SW
OUT
OUT
COMP
×
=
π
(Ω)
(10)
(F)
(11)
(F)
(12)
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
≥
−
OUT
OUT
6
ESROUT
V
012
.
0
,
C
10
1
.
1
Min
R
(Ω)
COMP
ESROUT
OUT
2
COMP
R
R
C
C
=
(13)
OUT
OUT
8
C
V
10
75
.
2
×
=
OUT
OUT
5
COMP
C
V
10
2
.
1
C
×
=
COMP
5
COMP
R
10
8
.
1
C
−
×
=



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com