Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4065A Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT4065A
Description  High Input 2A Step Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4065A Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT4065A Datasheet HTML 1Page - Active-Semi, Inc ACT4065A Datasheet HTML 2Page - Active-Semi, Inc ACT4065A Datasheet HTML 3Page - Active-Semi, Inc ACT4065A Datasheet HTML 4Page - Active-Semi, Inc ACT4065A Datasheet HTML 5Page - Active-Semi, Inc ACT4065A Datasheet HTML 6Page - Active-Semi, Inc ACT4065A Datasheet HTML 7Page - Active-Semi, Inc ACT4065A Datasheet HTML 8Page - Active-Semi, Inc ACT4065A Datasheet HTML 9Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ACT4065A
High Input 2A Step Down Converter
FEATURES
• 2A Output Current
• Up to 95% Efficiency
• 6.0V to 30V Input Range
• 210kHz Switching Frequency
• Adjustable Output Voltage
• Cycle-by-Cycle Current Limit Protection
• Thermal Shutdown Protection
• Frequency Foldback at Short Circuit
• Stability with Wide Range of Capacitors,
Including Low ESR Ceramic Capacitors
• SOP-8 Package
APPLICATIONS
• TFT LCD Monitors
• Portable DVDs
• Car-Powered or Battery-Powered Equip-
ments
• Set-Top Boxes
• Telecom Power Supplies
• DSL and Cable Modems and Routers
• Termination Supplies
GENERAL DESCRIPTION
The ACT4065A is a current-mode step-down
DC/DC converter that generates up to 2A output
current at 210kHz switching frequency.
The ACT4065A is highly efficient with peak effi-
ciency at 95% when in operation. Protection fea-
tures include cycle-by-cycle current limit, thermal
shutdown, and frequency foldback at short circuit.
The ACT4065A is available in SOP-8 package and
requires very few external devices for operation.
Note: ACT4065A is the drop-in replacement for
ACT4065 with feedback resistance value change.
Rev 0, 23-Apr-12
®
Load Current (mA)
10
100
1000
10000
95
90
85
80
75
70
Efficiency vs. Load current
VIN = 12V
VIN = 24V
VOUT = 5V


Similar Part No. - ACT4065A

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4065A ACTIVE-SEMI-ACT4065A Datasheet
297Kb / 10P
High Input 2A Step Down Converter
Rev 0, 23-Apr-12
ACT4065ASH-T ACTIVE-SEMI-ACT4065ASH-T Datasheet
297Kb / 10P
High Input 2A Step Down Converter
Rev 0, 23-Apr-12
ACT4065A ACTIVE-SEMI-ACT4065A_14 Datasheet
297Kb / 10P
High Input 2A Step Down Converter
Rev 0, 23-Apr-12
More results

Similar Description - ACT4065A

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4072 ACTIVE-SEMI-ACT4072 Datasheet
729Kb / 10P
Wide Input 2A Step Down Converter
Rev 1, 12/2006
logo
List of Unclassifed Man...
ACT4012 ETC2-ACT4012 Datasheet
249Kb / 9P
Wide Input 2A Step Down Converter
logo
Active-Semi, Inc
ACT4060 ACTIVE-SEMI-ACT4060 Datasheet
355Kb / 9P
Wide Input 2A Step Down Converter
Rev8, 24-Jul-07
ACT4065 ACTIVE-SEMI-ACT4065 Datasheet
250Kb / 9P
High Input 2A Step Down Converter
Rev 2, 6/2006
ACT4072 ACTIVE-SEMI-ACT4072_08 Datasheet
271Kb / 10P
Wide Input 2A Step Down Converter
Rev2, 27-May-08
logo
FOSLINK SEMICONDUCTOR C...
FSP3126 FOSLINK-FSP3126 Datasheet
243Kb / 9P
WIDE INPUT 2A STEP DOWN CONVERTER
logo
Champion Microelectroni...
CM2500 CHAMP-CM2500 Datasheet
223Kb / 11P
WIDE INPUT 2A STEP DOWN CONVERTER
logo
Active-Semi, Inc
ACT4060A_0906 ACTIVE-SEMI-ACT4060A_0906 Datasheet
257Kb / 12P
Wide Input 2A Step Down Converter
Rev 1, 25-Jun-09
ACT4065A ACTIVE-SEMI-ACT4065A_14 Datasheet
297Kb / 10P
High Input 2A Step Down Converter
Rev 0, 23-Apr-12
logo
Guangdong Kexin Industr...
FSP3170 KEXIN-FSP3170 Datasheet
998Kb / 3P
WIDE INPUT 2A STEP DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com