Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD549 Datasheet(PDF) 7 Page - Analog Devices

Part # AD549
Description  Ultralow Input Bias Current Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD549 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD549 Datasheet HTML 3Page - Analog Devices AD549 Datasheet HTML 4Page - Analog Devices AD549 Datasheet HTML 5Page - Analog Devices AD549 Datasheet HTML 6Page - Analog Devices AD549 Datasheet HTML 7Page - Analog Devices AD549 Datasheet HTML 8Page - Analog Devices AD549 Datasheet HTML 9Page - Analog Devices AD549 Datasheet HTML 10Page - Analog Devices AD549 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD549
REV. A
–7–
mized. Input capacitance can substantially degrade signal band-
width and the stability of the I-to-V converter. The case of the
AD549 is connected to Pin 8 so that it can be bootstrapped
near the input potential. This minimizes pin leakage and input
common-mode capacitance due to the case. Guard schemes for
inverting and noninverting amplifier topologies are illustrated in
Figures 28 and 29.
Figure 28. Inverting Amplifier with Guard
Figure 29. Noninverting Amplifier with Guard
Other guidelines include keeping the circuit layout as compact
as possible and input lines short. Keeping the assembly rigid
and minimizing sources of vibration will reduce triboelectric and
piezoelectric effects. All precision high impedance circuitry re-
quires shielding against interference noise. Low noise coax or
triax cables should be used for remote connections to the input
signal lines.
OFFSET NULLING
The AD549’s input offset voltage can be nulled by using balance
Pins 1 and 5, as shown in Figure 30. Nulling the input offset
voltage in this fashion will introduce an added input offset volt-
age drift component of 2.4
µV/°C per millivolt of nulled offset
(a maximum additional drift of 0.6
µV/°C for the AD549K,
1.2
µV/°C for the AD549L, 2.4 µV/°C for the AD549J).
Figure 30. Standard Offset Null Circuit
The approach in Figure 31 can be used when the amplifier is
used as an inverter. This method introduces a small voltage
referenced to the power supplies in series with the amplifier’s
does not have high enough insulation resistance. Therefore, the
AD549’s input leads should be connected to standoffs made of
insulating material with adequate volume resistivity (e.g.,
Teflon*). The surface of the insulator’s surface must be kept
clean in order to preserve surface resistivity. For Teflon, an ef-
fective cleaning procedure consists of swabbing the surface with
high-grade isopropyl alcohol, rinsing with deionized water, and
baking the board at 80
°C for 10 minutes.
Figure 26. Sources of Parasitic Leakage Currents
In addition to high volume and surface resistivity, other proper-
ties are desirable in the insulating material chosen. Resistance to
water absorption is important since surface water films drasti-
cally reduce surface resistivity. The insulator chosen should also
exhibit minimal piezoelectric effects (charge emission due to
mechanical stress) and triboelectric effects (charge generated by
friction). Charge imbalances generated by these mechanisms can
appear as parasitic leakage currents. These effects are modeled
by variable capacitor CP in Figure 26. The table in Figure 27
lists various insulators and their properties.
1
Volume
Minimal
Minimal
Resistance
Resistivity
Triboelectric
Piezoelectric to Water
Material
( –CM)
Effects
Effects
Absorption
Teflon*
1017–1018
WW
G
Kel-F**
1017–1018
WM
G
Sapphire
1016–1018
MG
G
Polyethylene
1014–1018
MG
M
Polystyrene
1012–1018
WM
M
Ceramic
1012–1014
WM
W
Glass Epoxy
1010–1017
WM
W
PVC
1010–1015
GM
G
Phenolic
105–1012
WG
W
G–Good with Regard to Property
M–Moderate with Regard to Property
W–Weak with Regard to Property
Figure 27. Insulating Materials and Characteristics
Guarding the input lines by completely surrounding them with a
metal conductor biased near the input lines’ potential has two
major benefits. First, parasitic leakage from the signal line is
reduced since the voltage between the input line and the guard
is very low. Second, stray capacitance at the input node is mini-
1Electronic Measurements, pp. 15–17, Keithley Instruments, Inc., Cleveland,
Ohio, 1977.
*Teflon is a registered trademark of E.I. DuPont Co.
**Kel-F is a registered trademark of 3-M Company.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com