Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD549 Datasheet(PDF) 4 Page - Analog Devices

Part # AD549
Description  Ultralow Input Bias Current Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD549 Datasheet(HTML) 4 Page - Analog Devices

  AD549 Datasheet HTML 1Page - Analog Devices AD549 Datasheet HTML 2Page - Analog Devices AD549 Datasheet HTML 3Page - Analog Devices AD549 Datasheet HTML 4Page - Analog Devices AD549 Datasheet HTML 5Page - Analog Devices AD549 Datasheet HTML 6Page - Analog Devices AD549 Datasheet HTML 7Page - Analog Devices AD549 Datasheet HTML 8Page - Analog Devices AD549 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD549–Typical Characteristics
SUPPLY VOLTAGE
± V
20
15
10
5
0
0
5
10
15
20
+VIN
–VIN
Figure 1. Input Voltage Range
vs. Supply Voltage
SUPPLY VOLTAGE
± V
800
700
600
500
400
0
5
10
15
20
Figure 4. Quiescent Current
vs. Supply Voltage
TEMPERATURE –
°C
3000
–55
–25
5
35
65
95
125
1000
300
100
Figure 7. Open-Loop Gain vs.
Temperature
SUPPLY VOLTAGE
± V
20
15
10
5
0
0
5
10
15
20
+VOUT
–VOUT
+25
°C
RL = 10k
Figure 2. Output Voltage
Swing vs. Supply Voltage
INPUT COMMON-MODE VOLTAGE – V
120
100
90
80
70
–15
–10
0
+10
+15
110
Figure 5. CMRR vs. Input
Common-Mode Voltage
WARM-UP TIME – Minutes
30
0
1
2
3
4
5
6
7
25
20
15
10
5
0
Figure 8. Change in Offset
Voltage vs. Warm-Up Time
LOAD RESISTANCE –
Ω
30
25
20
10
0
10
100
1k
10k
100k
5
15
VS = ±15 VOLTS
Figure 3. Output Voltage
Swing vs. Load Resistance
SUPPLY VOLTAGE
± V
3000
0
5
10
15
20
1000
300
100
Figure 6. Open-Loop Gain vs.
Supply Voltage
COMMON-MODE VOLTAGE
± V
50
–10
–5
0
5
10
40
35
20
30
25
45
Figure 9. Input Bias Current
vs. Common-Mode Voltage
REV. A
–4–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com