Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6622 Datasheet(PDF) 13 Page - Analog Devices

Part # AD6622
Description  Four-Channel, 75 MSPS Digital Transmit Signal Processor TSP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6622 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD6622 Datasheet HTML 9Page - Analog Devices AD6622 Datasheet HTML 10Page - Analog Devices AD6622 Datasheet HTML 11Page - Analog Devices AD6622 Datasheet HTML 12Page - Analog Devices AD6622 Datasheet HTML 13Page - Analog Devices AD6622 Datasheet HTML 14Page - Analog Devices AD6622 Datasheet HTML 15Page - Analog Devices AD6622 Datasheet HTML 16Page - Analog Devices AD6622 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD6622
–13–
REV. 0
CASCASDED INTEGRATOR COMB (CIC)
INTERPOLATING FILTER
The I and Q outputs of the RCF stage are interpolated in inte-
ger factors by two cascaded integrator comb (CIC) filters. The
CIC section is separated into three discrete blocks: a fifth order
filter (CIC5), a second order filter (CIC2), and a scaling block
(CIC Scaling). The CIC5 and CIC2 blocks each exhibit a gain
that increases with respect to their interpolation factors, LCIC5
and LCIC2. The product of these gains must be compensated for
in a shared CIC Scaling block.
2–CIC_SCALE
LCIC5
LCIC2
CIC_SCALE
CIC5
CIC2
Figure 13. CIC Data Path
CIC Scaling
The CIC5 and CIC2 stages have a baseband gain of LCIC5
4
×
LCIC2. The CIC scaling block is used to avoid numeric overflow
in the CIC stages. The CIC scale block reduces the signal level
without truncation or loss of resolution. The overall gain of the
CIC section is given by Equation 9.
CIC Gain
L
L
CIC
CIC
CIC
Scale
_
_
×
5
4
2
2
(9)
The value CIC_Scale may range from 0 to 25, and can be inde-
pendently programmed for each channel at Control Register
0x06. CIC_Scale may be safely calculated according Equation 10
to ensure the net gain through the CIC stages.
CIC Scale
ceil
L
L
CIC
CIC
_
(log (
))
25
4
2
(10)
The ceil function is the next highest integer. While this normally
constitutes a small loss, it can be recovered in the RCF scaling.
Likewise, if the RCF output level is known to be less than full
scale, the CIC gain can be increased by reducing CIC_Scale.
CIC5
The CIC5 is a fifth order interpolating cascaded integrator comb
whose impulse response is completely defined by its interpola-
tion factor, LCIC5. The value LCIC5–1 can be independently
programmed for each channel at location 0x09. While this con-
trol register is 8-bits wide, LCIC5 should be confined to the range
from 1 to 32 to avoid the possibility of internal overflow for
full-scale inputs. The transfer function of the CIC5 is given
by the following equations with respect to the CIC5 output
sample rate, fSAMP5.
CIC z
z
z
L
CIC
5
1
1
5
1
5
()
=


(11)
This polynomial fraction can be completely reduced as follows,
demonstrating a finite impulse response with perfect phase lin-
earity for all values of LCIC5.
CIC
z
z
z
e
k
k
L
k
L
j
k
L
CIC
CIC
CIC
5
0
5
1
1
2
5
5 1
5 1
5
()
––
=

 =−


==
∑∑
π
(12)
The frequency response of the CIC5 can be expressed as follows.
The initial 1/LCIC5 factor normalizes for the increased rate, which is
appropriate when the samples are destined for a DAC with a
zero order hold output. The maximum gain is (LCIC5)
4 at base-
band, but internal registers peak in response to various dynamic
inputs. As long as LCIC5 is confined to 32 or less, there is no
possibility of overflow at any register.
CIC
f
L
Lf
f
f
L
CIC
CIC
CIC
CIC
5
1
5
5
5
5
5
()
sin
sin
=
×




π
π
(13)
As an example, we will consider an input from the RCF whose
bandwidth is 0.141 of the RCF output rate, centered at base-
band. Interpolation by a factor of five reveals five images, as
shown in Figure 14.
–150
–2
–1
0
12
–130
–110
–90
–70
–50
–30
–10
10
Figure 14. Unfiltered CIC Interpolation Image
The CIC5 rejects each of the undesired images while passing
the image at baseband. The images of a pure tone at channel
center (dc) are nulled perfectly, but as the bandwidth increases
the rejection is diminished. The lower band edge of the first
image always has the least rejection. In this example, the CIC5
is interpolating by a factor of five and the input signal has a band-
width of 0.141 of the RCF output sample rate. The plot below
shows –110 dBc rejection of the lower band edge of the first
image. All other image frequencies have better rejection.
–150
–2
–1
0
12
–130
–110
–90
–70
–50
–30
–10
10
Figure 15. Filtered CIC5 Interpolation Images



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com