Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6622 Datasheet(PDF) 27 Page - Analog Devices

Part # AD6622
Description  Four-Channel, 75 MSPS Digital Transmit Signal Processor TSP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6622 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD6622 Datasheet HTML 20Page - Analog Devices AD6622 Datasheet HTML 21Page - Analog Devices AD6622 Datasheet HTML 22Page - Analog Devices AD6622 Datasheet HTML 23Page - Analog Devices AD6622 Datasheet HTML 24Page - Analog Devices AD6622 Datasheet HTML 25Page - Analog Devices AD6622 Datasheet HTML 26Page - Analog Devices AD6622 Datasheet HTML 27Page - Analog Devices AD6622 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
AD6622
–27–
REV. 0
Driving Multiple TSP Serial Ports
When properly configured, the AD6622 will drive each SDFS
out of phase. Each new piece of data should be driven only into
the TSP that pulses its SDFS pin at that time.
In the UMTS example, L = 64 and NTSP = 4, so each serial port
need only accept every 4th input sample. Each serial port is
shifting at peak capacity, so sample 1, 2, and 3 begin shifting
into Serial Ports B, C, and D before Sample 0 is completed into
Serial Port A.
0
1
2
3
4
5
6
7
SDFSA
SDFSB
SDFSC
SDFSD
Figure 21. SDFS Timing for WBCDMA
RAM
COEF
FILTER
CIC
NCO
I
Q
8.196MSPS 65.536MSPS
4.096
MCPS
1.024
MCPS
32
1.024
MCPS
32
1.024
MCPS
1.024
MCPS
65.536
MSPS
DAC
COMPLEX SIGNAL 32 BITS (16 I, 16 Q)
REAL OR IMAGINARY SIGNAL
AD6622
32
32
32
RAM
COEF
FILTER
CIC
NCO
I
Q
8.196MSPS 65.536MSPS
RAM
COEF
FILTER
CIC
NCO
I
Q
8.196MSPS 65.536MSPS
RAM
COEF
FILTER
CIC
NCO
I
Q
8.196MSPS 65.536MSPS
Figure 22. Block Diagram for WBCDMA
0
5
10
15
20
0
0.5
1.0
25
30
COEF – J
Figure 23. Typical Impulse Response for WBCDMA
–70
–60
–50
–40
–30
–20
–10
0
10
–100
–90
–80
RAM COEFFICIENT FILTER
0
1000
2000
3000
4000
5000
6000
7000
8000
kHz
Figure 24. Typical FIR Frequency Response for WBCDMA
–70
–60
–50
–40
–30
–20
–10
0
–100
–90
–80
0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
–110
–120
dB(AD6624(f))
dB
()
HCIC(f)
LEVEL5
SPEC( f )
4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0
f
MHz
Figure 25. Typical Composite Frequency Response for
WBCDMA
THERMAL MANAGEMENT
The power dissipation of the AD6622 is primarily determined
by three factors: the clock rate, the number of channels active,
and the distribution of interpolation rates. The faster the clock
rate the more power dissipated by the CMOS structures of
the AD6622; the more channels active, the higher the overall
power of the chip. Low interpolation rates in the CIC stages
(CIC5, CIC2) results in higher power dissipation. All these factors
should be analyzed as each application has different thermal
requirements.
The AD6622 128-lead MQFP is specially designed to provide
excellent thermal performance. To achieve the best performance,
the power and ground leads should be connected directly to
planes on the PC board. This provides the best thermal transfer
from the AD6622 to the PC board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com