Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6622 Datasheet(PDF) 19 Page - Analog Devices

Part # AD6622
Description  Four-Channel, 75 MSPS Digital Transmit Signal Processor TSP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6622 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD6622 Datasheet HTML 15Page - Analog Devices AD6622 Datasheet HTML 16Page - Analog Devices AD6622 Datasheet HTML 17Page - Analog Devices AD6622 Datasheet HTML 18Page - Analog Devices AD6622 Datasheet HTML 19Page - Analog Devices AD6622 Datasheet HTML 20Page - Analog Devices AD6622 Datasheet HTML 21Page - Analog Devices AD6622 Datasheet HTML 22Page - Analog Devices AD6622 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD6622
–19–
REV. 0
1. Write the NCO Freq Hold-Off (0x03) Counter to the appro-
priate value (greater than 1 and less then 2
16–1).
2. Write the NCO Frequency Register(s) to the new desired
frequency.
3. Write the hop bit and the sync(s) bit high (Ext Address 5).
4. This starts the NCO Freq Hold-Off Counter counting down.
The counter is clocked with the AD6622 CLK signal. When
it reaches a count of one, the new frequency is loaded into
the NCO.
Hop with Pin Sync
A sync pin is provided on the AD6622 to provide the most
accurate synchronization, especially between multiple AD6622s.
Synchronization of hopping to a new NCO frequency with an
external signal is accomplished with the following method.
1. Write the NCO Freq Hold-Off Counter(s) (0x03) to the
appropriate value (greater than 1 and less than 2
16–1).
2. Write the NCO Frequency register(s) to the new desired
frequency.
3. Set the hop on pin sync bit and the appropriate sync pin
enable high (0x001).
4. When the sync pin is sampled high by the AD6622 CLK this
enables the countdown of the NCO Freq Hold-Off Counter.
The counter is clocked with the AD6622 CLK signal. When
it reaches a count of one the new frequency is loaded into the
NCO.
Beam is a change in phase for a particular channel and can be
synchronized with respect to other channels or AD6622s. This
change in phase can be synchronized via microprocessor control
or an external sync signal as described below.
To set the amplitude without synchronization the following
method should be used.
Set Phase No Beam
1. Set the NCO Phase Offset Update Hold-Off Counter (0x05)
to 0.
2. Load the appropriate NCO Phase Offset (0x04). The NCO
Phase Offset will be immediately loaded.
Beam with Soft Sync
The AD6622 includes the ability to synchronize a change in
NCO phase of multiple channels or chips under microprocessor
control. The NCO Phase Offset Update Hold-Off Counter, in
conjunction with the beam bit and the sync bit (Ext Address 5),
allow this synchronization. Basically the NCO Phase Offset
Update Hold-Off Counter delays the new phase from being
loaded into the NCO/RCF by its value (number of AD6622
CLKs). The following method is used to synchronize a beam-in
phase of multiple channels via microprocessor control.
1. Write the NCO Phase offset Update Hold-Off Counter (0x05)
to the appropriate value (greater than 1 and less then 2
16–1).
2. Write the NCO Phase Offset Register(s) to the new desired
phase and amplitude.
3. Write the beam bit and the sync(s) bit high (External
Address 5).
4. This starts the NCO Phase Offset Update Hold-Off counter
counting down. The counter is clocked with the AD6622
CLK signal. When it reaches a count of one, the new phase
is loaded into the NCO.
Beam with Pin Sync
A sync pin is provided on the AD6622 to provide the most
accurate synchronization, especially between multiple AD6622s.
Synchronization of beaming to a new NCO Phase Offset with an
external signal is accomplished with the following method.
1. Write the NCO Phase Offset Hold-Off (0x05) counter(s) to
the appropriate value (greater than 1 and less than 2
16–1).
2. Write the NCO Phase Offset register(s) to the new desired
phase and amplitude.
3. Set the beam on pin sync bit and the appropriate sync pin
enable high (0x001).
4. When the sync pin is sampled high by the AD6622 CLK, it
enables the countdown of the NCO Phase Offset Hold-Off
Counter. The counter is clocked with the AD6622 CLK sig-
nal. When it reaches a count of one, the new phase is loaded
into the NCO registers.
JTAG INTERFACE
The AD6622 supports a subset of IEEE Standard 1149.1
specifications. For additional details of the standard, please
see “IEEE Standard Test Access Port and Boundary-Scan
Architecture,” IEEE-1149 publication from IEEE.
The AD6622 has five pins associated with the JTAG interface.
These pins are used to access the on-chip Test Access Port and
are listed in Table VIII.
Table VIII. JTAG Pin List
Name
Pin Number
Description
TRST
100
Test Access Port Reset
TCK
101
Test Clock
TMS
106
Test Access Port Mode Select
TDI
108
Test Data Input
TDO
107
Test Data Output
The AD6622 supports four op codes as shown in Table IX.
These instructions set the mode of the JTAG interface.
Table IX. JTAG Op Codes
Instruction
Op Code
IDCODE
10
BYPASS
11
SAMPLE/PRELOAD
01
EXTEST
00
The Vendor Identification Code can be accessed through the
IDCODE instruction and has the following format.
Table X. JTAG ID String
MSB
Part
Manufacturing
LSB
Version
Number
ID #
Mandatory
000
0010
000 1110 0101
1
0111
1000
0000
A BSDL file for this device is available from Analog Devices, Inc.
Contact Analog Devices Inc. for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com