Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS1630-FSZ Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS1630-FSZ
Description  2-Channel TRIAC Dimmable LED Driver IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1630-FSZ Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS1630-FSZ Datasheet HTML 17Page - Cirrus Logic CS1630-FSZ Datasheet HTML 18Page - Cirrus Logic CS1630-FSZ Datasheet HTML 19Page - Cirrus Logic CS1630-FSZ Datasheet HTML 20Page - Cirrus Logic CS1630-FSZ Datasheet HTML 21Page - Cirrus Logic CS1630-FSZ Datasheet HTML 22Page - Cirrus Logic CS1630-FSZ Datasheet HTML 23Page - Cirrus Logic CS1630-FSZ Datasheet HTML 24Page - Cirrus Logic CS1630-FSZ Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
CS1630/31
DS954F2
21
scale output LED current ILED, as shown in Figure 22.
Figure 22. eOTP Temperature vs. Impedance
Beyond this temperature, the IC shuts down using the
mechanism discussed above. If the external overtemperature
protection and the temperature compensation for CCT control
features are not required, connect the eOTP pin to GND using
a 50k
 to 500k resistor to disable the eOTP feature.
5.10 Power Line Calibration
The CS1630/31 integrates power line calibration technology
within the controller to enable calibration and end-of-line
programming without the need for an additional electrical
connection, as shown in Figure 23.
Figure 23. Power Line Calibration Block Diagram
The power line calibration uses a phase-cut mechanism for
data generation and return-to-zero data encoding to eliminate
the need for clock synchronization. A code /command can be
created by using the combination of input phase angles, as
detailed in "Power Line Calibration Characteristics" on page 9.
When an initial program mode command has been detected,
the controller will begin to enter calibration mode. After key
parameters of the lighting system have been characterized
and programmed, a burn-in code plus an end-program mode
command is transmitted, instructing the controller to exit the
calibration mode. Power line calibration and end-of-line
programming
requires
no
human
intervention.
The
CS1630/31 provides registers that allow up to three attempts
for LED output current trimming over power line calibration.
Six registers store the three optional color control system
calibration values for channel 1 color calibration and channel
2 color calibration. For more detail regarding color calibration,
see "Channel 1 Color Calibration 3A (CH1_CAL3A) – Address
119" on page 51 through "Channel 2 Color Calibration 3C
(CH2_CAL3C) – Address 126" on page 53.
5.10.1 Power Line Calibration Specification
To ensure the success of phase detection, the angle for each
bit is specified as shown in "Power Line Calibration
Characteristics" on page 9. The CS1630/31 power line
calibration system operates under universal line voltage and
frequency with a leading-edge, phase-cut waveform.
Temperature (°C)
125
95
50%
100%
0
25
eOTP Trips and
Shuts Off Lamp
Power Supply
LED Lamp
with
CS1630/31
Photodetector
Light
Measurement
Light
Calibrator
Line
Neutral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com