Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS1630-FSZ Datasheet(PDF) 48 Page - Cirrus Logic

Part # CS1630-FSZ
Description  2-Channel TRIAC Dimmable LED Driver IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1630-FSZ Datasheet(HTML) 48 Page - Cirrus Logic

Back Button CS1630-FSZ Datasheet HTML 44Page - Cirrus Logic CS1630-FSZ Datasheet HTML 45Page - Cirrus Logic CS1630-FSZ Datasheet HTML 46Page - Cirrus Logic CS1630-FSZ Datasheet HTML 47Page - Cirrus Logic CS1630-FSZ Datasheet HTML 48Page - Cirrus Logic CS1630-FSZ Datasheet HTML 49Page - Cirrus Logic CS1630-FSZ Datasheet HTML 50Page - Cirrus Logic CS1630-FSZ Datasheet HTML 51Page - Cirrus Logic CS1630-FSZ Datasheet HTML 52Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
CS1630/31
48
DS954F2
6.39 Configuration 58 (Config58) Address 90
6.40 Configuration 59 (Config59) Address 91
7
654
32
10
SHUTDWN3
SHUTDWN2
SHUTDWN1
SHUTDWN0
LOW_SAT2
LOW_SAT1
LOW_SAT0
DIM_TEMP
Number
Name
Description
[7:4]
SHUTDWN[3:0]
Configures the 8-bit code value corresponding to temperature threshold
TempShutdown. If the temperature exceeds this threshold, the device enters an
external overtemperature state and shuts down.
The wakeup temperature code is configured as an offset from the eOTP tem-
perature code and the shutdown temperature code is configured as an offset
from the wakeup temperature code; TempeOTP < TempWakeup < TempShutdown
[3:1]
LOW_SAT[2:0]
Sets the lower saturation limit for the 8-bit temperature code provided to the
color system from the fast low pass filter before it is used for polynomial com-
putations.The lower saturation limit is given by:
[0]
DIM_TEMP
Configures the external overtemperature protection (eOTP) dim with tempera-
ture feature, which decreases the second stage dim level once the tempera-
ture measured using the external NTC connected to pin eOTP exceeds the
temperature threshold set using eOTP[4:0], TempeOTP (see “Configuration 59
(Config59) – Address 91” on page 48).
0 = Disable
1 = Enable
7
654
32
10
eOTP4
eOTP3
eOTP2
eOTP1
eOTP0
HI_SAT2
HI_SAT1
HI_SAT0
Number
Name
Description
[7:3]
eOTP[4:0]
Configures 8-bit code value CODETEMPeOTP corresponding to the tempera-
ture TempeOTP set point at which the eOTP dim with temperature feature is
enabled.
[2:0]
HI_SAT[2:0]
Sets the higher saturation limit for the 8-bit temperature code provided to the
color system before it is used for polynomial computations.
000 = CODETEMPShutdown
001 = 100
010 = 120
011 = 140
100 = 160
101 = 180
110 = 200
111 = 220
CODETEMPShutdown
CODETEMPWakeup
SHUTDWN
+
[3:0] 4
=
LOW_SAT[2:0]
1
+
5
CODETEMPeOTP
80
eOTP
+
[4:0] 4
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com