Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS1630-FSZ Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS1630-FSZ
Description  2-Channel TRIAC Dimmable LED Driver IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1630-FSZ Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS1630-FSZ Datasheet HTML 45Page - Cirrus Logic CS1630-FSZ Datasheet HTML 46Page - Cirrus Logic CS1630-FSZ Datasheet HTML 47Page - Cirrus Logic CS1630-FSZ Datasheet HTML 48Page - Cirrus Logic CS1630-FSZ Datasheet HTML 49Page - Cirrus Logic CS1630-FSZ Datasheet HTML 50Page - Cirrus Logic CS1630-FSZ Datasheet HTML 51Page - Cirrus Logic CS1630-FSZ Datasheet HTML 52Page - Cirrus Logic CS1630-FSZ Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
CS1630/31
DS954F2
49
6.41 Configuration 60 (Config60) Address 92
6.42 Configuration 61 (Config61) Address 93
7
654
32
10
-
PLC
-
CS_DELAY2
CS_DELAY1
CS_DELAY0
-
-
Number
Name
Description
[7]
-
Reserved
[6]
PLC
Configures the power line calibration (PLC) mode.
0 = Enable
1 = Disable
[5]
-
Reserved
[4:2]
CS_DELAY[2:0]
Configures the ISense comparator delay and board delays incurred through
FET switching T1comp. Switching time T1comp can be set from 0ns to 350ns in
steps of 50ns.
[1:0]
-
Reserved
7
654
32
10
DITNODIM
DITLEVEL1
DITLEVEL0
DITCHAN
-
-
-
-
Number
Name
Description
[7]
DITNODIM
Configures dithering, if enabled, to work in No-dimmer mode only.
0 = Dithering works in all modes
1 = Dithering works in No-dimmer mode only
[6:5]
DITLEVEL[1:0]
Configures the second stage dithering level based on the percentage of varia-
tion on the ISense DAC reference setting.
00 = 1.3%
01 = 2.9%
10 = 6%
11 = 12.3%
[4]
DITCHAN
Selects the channel for less dithering for which the nominal dither level, set
using bits DITLEVEL[1:0], is attenuated by the amount set by bits DITATT[1:0].
0 = Channel 1
1 = Channel 2
[3:0]
-
Reserved
T1comp
CS_DELAY[2:0] 50ns
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com