Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD712AH Datasheet(PDF) 11 Page - Analog Devices

Part # AD712AH
Description  Dual Precision, Low Cost, High Speed, BiFET Op Amp
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD712AH Datasheet(HTML) 11 Page - Analog Devices

Back Button AD712AH Datasheet HTML 7Page - Analog Devices AD712AH Datasheet HTML 8Page - Analog Devices AD712AH Datasheet HTML 9Page - Analog Devices AD712AH Datasheet HTML 10Page - Analog Devices AD712AH Datasheet HTML 11Page - Analog Devices AD712AH Datasheet HTML 12Page - Analog Devices AD712AH Datasheet HTML 13Page - Analog Devices AD712AH Datasheet HTML 14Page - Analog Devices AD712AH Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AD712
REV. B
–11–
Figures 33a and 33b show the settling time characteristics of the
AD712 when used as a DAC output buffer for the AD7545.
100
10
0%
500ns
90
a. Full-Scale Positive Transition
100
10
0%
500ns
90
b. Full-Scale Negative Transition
Figure 33. Settling Characteristics for AD712 with AD7545
NOISE CHARACTERISTICS
The random nature of noise, particularly in the 1/f region,
makes it difficult to specify in practical terms. At the same time,
designers of precision instrumentation require certain guaran-
teed maximum noise levels to realize the full accuracy of their
equipment.
The AD712C grade is specified at a maximum level of 4.0
µV
p-p, in a 0.1 Hz to 10 Hz bandwidth. Each AD712C receives a
100% noise test for two 10-second intervals; devices with any
excursion in excess of 4.0
µV are rejected. The screened lot is
then submitted to Quality Control for verification on an AQL
basis.
All other grades of the AD712 are sample-tested on an AQL
basis to a limit of 6
µV p-p, 0.1 Hz to 10 Hz.
DRIVING THE ANALOG INPUT OF AN A/D CONVERTER
An op amp driving the analog input of an A/D converter, such
as that shown in Figure 34, must be capable of maintaining a
constant output voltage under dynamically changing load condi-
tions. In successive-approximation converters, the input current
is compared to a series of switched trial currents. The compari-
son point is diode clamped but may deviate several hundred
millivolts resulting in high frequency modulation of A/D input
current. The output impedance of a feedback amplifier is made
artificially low by the loop gain. At high frequencies, where the
loop gain is low, the amplifier output impedance can approach
its open loop value. Most IC amplifiers exhibit a minimum open
loop output impedance of 25
Ω due to current limiting resistors.
+15V
1/2
AD712
0.1 F
0.1 F
–15V
10V
ANALOG
INPUT
GAIN
ADJUST
ANALOG COM
R2
100
OFFSET
ADJUST
AD574
12/
8
R1
100
CS
AO
R/
C
CE
REF IN
REF OUT
BIP OFF
10VIN
ANA
COM
20VIN
STS
HIGH
BITS
+5V
DIG
COM
+15V
–15V
MIDDLE
BITS
LOW
BITS
Figure 34. AD712 as ADC Unity Gain Buffer
A few hundred microamps reflected from the change in converter
loading can introduce errors in instantaneous input voltage. If
the A/D conversion speed is not excessive and the bandwidth of
the amplifier is sufficient, the amplifier’s output will return to
the nominal value before the converter makes its comparison.
However, many amplifiers have relatively narrow bandwidth
yielding slow recovery from output transients. The AD712 is
ideally suited to drive high speed A/D converters since it offers
both wide bandwidth and high open-loop gain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com