Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD712AH Datasheet(PDF) 12 Page - Analog Devices

Part # AD712AH
Description  Dual Precision, Low Cost, High Speed, BiFET Op Amp
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD712AH Datasheet(HTML) 12 Page - Analog Devices

Back Button AD712AH Datasheet HTML 7Page - Analog Devices AD712AH Datasheet HTML 8Page - Analog Devices AD712AH Datasheet HTML 9Page - Analog Devices AD712AH Datasheet HTML 10Page - Analog Devices AD712AH Datasheet HTML 11Page - Analog Devices AD712AH Datasheet HTML 12Page - Analog Devices AD712AH Datasheet HTML 13Page - Analog Devices AD712AH Datasheet HTML 14Page - Analog Devices AD712AH Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
AD712
REV. B
–12–
100
10
0%
90
200ns
500mV
PD711 BUFF
–10V ADC IN
a. Source Current = 2 mA
100
10
0%
200ns
90
500mV
PD711 BUFF
–5V ADC IN
b. Sink Current = 1 mA
Figure 35. ADC Input Unity Gain Buffer Recovery Times
DRIVING A LARGE CAPACITIVE LOAD
The circuit in Figure 36 employs a 100
Ω isolation resistor
which enables the amplifier to drive capacitive loads exceeding
1500 pF; the resistor effectively isolates the high frequency
feedback from the load and stabilizes the circuit. Low frequency
feedback is returned to the amplifier summing junction via the
low pass filter formed by the 100
Ω series resistor and the load
capacitance, CL. Figure 37 shows a typical transient response
for this connection.
1/2
AD712
0.1 F
0.1 F
–VIN
+VIN
INPUT
TYPICAL CAPACITANCE
LIMIT FOR VARIOUS
LOAD RESISTORS
R1
C1 UP TO
2k
1500pF
10k
1500pF
20
1000pF
C1
R1
4.99k
4.99k
30pF
OUTPUT
100
+
–
–
+
Figure 36. Circuit for Driving a Large Capacitive Load
100
90
10
0%
1 s
5V
Figure 37. Transient Response RL = 2 kΩ, CL = 500 pF
ACTIVE FILTER APPLICATIONS
In active filter applications using op amps, the dc accuracy of
the amplifier is critical to optimal filter performance. The
amplifier’s offset voltage and bias current contribute to output
error. Offset voltage will be passed by the filter and may be
amplified to produce excessive output offset. For low frequency
applications requiring large value input resistors, bias currents
flowing through these resistors will also generate an offset voltage.
In addition, at higher frequencies, an op amp’s dynamics must
be carefully considered. Here, slew rate, bandwidth, and
open-loop gain play a major role in op amp selection. The slew
rate must be fast as well as symmetrical to minimize distortion.
The amplifier’s bandwidth in conjunction with the filter’s gain
will dictate the frequency response of the filter.
The use of a high performance amplifier such as the AD712 will
minimize both dc and ac errors in all active filter applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com