Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD712AH Datasheet(PDF) 14 Page - Analog Devices

Part # AD712AH
Description  Dual Precision, Low Cost, High Speed, BiFET Op Amp
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD712AH Datasheet(HTML) 14 Page - Analog Devices

Back Button AD712AH Datasheet HTML 7Page - Analog Devices AD712AH Datasheet HTML 8Page - Analog Devices AD712AH Datasheet HTML 9Page - Analog Devices AD712AH Datasheet HTML 10Page - Analog Devices AD712AH Datasheet HTML 11Page - Analog Devices AD712AH Datasheet HTML 12Page - Analog Devices AD712AH Datasheet HTML 13Page - Analog Devices AD712AH Datasheet HTML 14Page - Analog Devices AD712AH Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
AD712
REV. B
–14–
+15V
0.001 F
100k
0.1 F
0.1 F
A2
AD711
–15V
+15V
0.1 F
0.1 F
A1
AD711
–15V
*
D
*
C
*
B
*
A
2800
6190
6490
6190
2800
VIN
0.001 F
124k
4.99k
4.99k
VOUT
4.9395E–15
5.9276E–15
5.9276E–15
4.9395E–15
*SEE TEXT
Figure 40. 9-Pole Chebychev Filter
9-POLE CHEBYCHEV FILTER
Figure 40 shows the AD712 and its dual counterpart, the
AD711, as a 9-pole Chebychev filter using active frequency
dependent negative resistors (FDNR). With a cutoff frequency
of 50 kHz and better than 90 dB rejection, it may be used as an
antialiasing filter for a 12-bit Data Acquisition System with
100 kHz throughput.
As shown in Figure 40, the filter is comprised of four FDNRs
(A, B, C, D) having values of 4.9395
10
–15 and 5.9276
10
–15 farad-seconds. Each FDNR active network provides a
two-pole response; for a total of 8 poles. The 9th pole consists
of a 0.001
µF capacitor and a 124 kΩ resistor at Pin 3 of ampli-
fier A2. Figure 41 depicts the circuits for each FDNR with the
proper selection of R. To achieve optimal performance, the
0.001
µF capacitors must be selected for 1% or better matching
and all resistors should have 1% or better tolerance.
+15V
0.001 F
4.99k
0.1 F
0.1 F
1/2
AD712
–15V
1.0k
R:
24.9k
FOR 4.9395E–15
29.4k
FOR 5.9276E–15
1/2
AD712
0.001 F
R
Figure 41. FDNR for 9-Pole Chebychev Filter
REF 5.0 dBm
10 dB/DIV
RANGE –5.0 dBm
MARKER 96 800.0 Hz
–90 dBm
START.0 Hz
RBW 300 Hz
STOP 200 000.0 Hz
ST 69.6 SEC
VBW 30 Hz
Figure 42. High Frequency Response for 9-Pole
Chebychev Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com