Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2558 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 2558
Description  Digital Storage Oscilloscopes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2558 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  2558 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2558 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2558 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2558 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2558 Datasheet HTML 5Page - List of Unclassifed Manufacturers 2558 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.bkprecision.com
Digital Storage Oscilloscopes
Models 2553, 2555, 2556, 2557, 2558, and 2559
4
PC connectivity
Avoid limiting the bandwidth of your measurement system. All 2550
series models come standard with high bandwidth, slimline passive
probes (one per channel) to help you get the most out of your scope.
The included EasyScope software provides seamless integration
between the oscilloscope and PC. Capture and transfer waveforms,
screen images, setups and measurement results to a Windows PC via
the USB device port on the back of the instrument. A USB host port
on the front and rear allows for quick and easy screen saving.
Model
Included Probes
2553
four 150 MHz bandwidth, x1/x10 probes (model PR150B)
2555
four 150 MHz bandwidth, x1/x10 probes (model PR150B)
2556
two 250 MHz bandwidth, x10 probes (model PR250B)
2557
four 250 MHz bandwidth, x10 probes (model PR250B)
2558
two 500 MHz bandwidth, x10 probes (model PR500B)
2559
four 500 MHz bandwidth, x10 probes (model PR500B)
Features
I
Slim, stylish body
I
Snap-locking sprung hook
I
Easily replaceable tip
I
Large accessory set
I
Meets IEC 61010-031 CATII
I
RoHS compliant
High bandwidth passive oscilloscope
probes
PR250B & PR500B
PR150B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com