Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2558 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 2558
Description  Digital Storage Oscilloscopes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2558 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  2558 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2558 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2558 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2558 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2558 Datasheet HTML 5Page - List of Unclassifed Manufacturers 2558 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.bkprecision.com
Digital Storage Oscilloscopes
Models 2553, 2555, 2556, 2557, 2558, and 2559
5
Specifications
2553
2555
2556
2557
2558
2559
Performance Characteristics
Bandwidth
70 MHz
100 MHz
200 MHz
300 MHz
Real Time Sampling Rate
2 GSa/s (half-channel interleaved)(1), 1 GSa/s (per channel)
Channels
4
2
4
2
4
Rise Time
< 5 ns
< 3.5 ns
< 1.8 ns
< 1.2 ns
Ch to Ch Isolation
(Both channels in same V/div setting)
>100:1 at 35 MHz >100:1 at 50 MHz
>100:1 at 100 MHz
>100:1 at 150 MHz
Max Memory Depth
24 kpts (half-channel interleaved)(1)(2), 12 kpts (per channel)
Vertical Resolution
8 bit
Vertical Sensitivity
2 mV/div -10 V/div (1-2-5 order)
DC Gain Accuracy
<±3.0%: 5 mV/div to 5 V/div in fixed gain ranges
<±4.0%: 2 mV/div in variable gain ranges
Maximum Input Voltage
400 V (DC+AC PK-PK, 1 MΩ input impedance, X10), CAT I, 5 Vrms (50 Ω input impedance)
Position Range
2 mV–100 mV: ±800 mV
102 mV – 5 V: ±40 V
Bandwidth Limit
20 MHz ±40% (Note: BW limited below 20 MHz when using probe in X1)
Horizontal Scan Range
5 ns/div – 50 s/div
2.5 ns/div – 50 s/div
1 ns/div – 50 s/div
Timebase Accuracy
±100 ppm measured over 1 ms interval
Input Coupling
AC, DC, GND
Input Impedance
1 MΩ ± 2% || 13 pF ± 3 pF
1 MΩ ± 2% || 13 pF ± 3 pF,
50 Ω ± 2%
Vertical and Horizontal Zoom
Vertically or horizontally expand or compress a live or stopped waveform
I/O Interface
USB
Front and rear USB host ports support USB flash drives, USBTMC compliant USB device port for connecting to PC
LAN
Supports SCPI commands for remote control
Pass/Fail
Pass/Fail output
Acquisition Modes
Sampling
Display sample data only
Peak Detect
Capture the maximum and minimum values of a signal
Average
Waveform averaged, selectable from 4, 16, 32, 64, 128, 256
Trigger System
Trigger Types
Edge, Pulse Width, Video*, Slope, Alternative
*Support signal Formats: PAL/SECAM, NTSC
Trigger condition: odd field, even field, all lines, or line number
Trigger Modes
Auto, Normal, Single
Trigger Coupling
AC, DC, LF reject, HF reject
Trigger Source
CH1, CH2, CH3, CH4, EXT, EXT/5, AC Line
Pulse Width Trigger
Trigger Modes: Positive Pulse (>,<, =), Negative Pulse (>, <, =)
Slope Trigger
Positive slope (>,<, =), Negative slope (>,<, =)
Time: 20 ns-10 s
Alternate Trigger
CH1 trigger type: Edge, Pulse, Video, Slope
CH2 trigger type: Edge, Pulse, Video, Slope
CH3 trigger type: Edge, Pulse, Video, Slope
CH4 trigger type: Edge, Pulse, Video, Slope
Notes:
(1) On 4-Ch models, Ch1 and Ch2 are interleaved, and Ch3 and Ch4 are interleaved. Half channel operation means that only Ch1 or Ch2 and/or only Ch3 or Ch4 is active.
(2) When timebase is 25 ns or faster and maximum data depth mode is enabled.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com