Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2558 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2558
Description  Digital Storage Oscilloscopes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2558 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2558 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2558 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2558 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2558 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2558 Datasheet HTML 5Page - List of Unclassifed Manufacturers 2558 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Digital Storage Oscilloscopes
2550 Series
Data Sheet
www.bkprecision.com
Technical data subject to change
© B&K Precision Corp. 2012
The 2550 series digital storage oscilloscopes
provide high performance and value in 2-channel
and 4-channel configurations. With bandwidth
from 70 MHz to 300 MHz and 2 GSa/s sample
rates, these oscilloscopes offer 24 kpts/Ch
waveform memory, 32 automatic measurements,
and advanced triggering capabilities including
math functions. Engineered to allow you to see
more of your signal under test, the 2550 series’
widescreen 7” TFT display offers a significantly
larger viewing area than typical economy
oscilloscopes (5.7”).
Maximize productivity with PC connectivity via
LAN and USB. The downloadable EasyScope
PC software lets you easily capture, save, and
analyze measurement results. All oscilloscope
parameters can be controlled via a PC without
the need for programming.
Educators who want to teach waveform
measurement fundamentals can benefit from
the ability to disable the Auto set button, a
function that automatically sets up the scope
to display a signal.
The 2550 series oscilloscopes are ideal for
applications in design and debug, service and
repair, and education.
Features & Benefits
I
Bandwidth up to 300 MHz
I
2 GSa/s sample rate
I
4-channel acquisition (on select models)
I
Large 7” widescreen color display
I
FFT including four additional math
functions - Add, Subtract, Multiply, and
Divide
I
32 automatic measurements
I
50 Ω input coupling (200 MHz and 300
MHz models)
I
Standard LAN (supports SCPI) and USB
device port (USBTMC compliant) for remote
PC control
I
Front and rear panel USB host port for saving
and recalling waveform setups, data, and
screenshots on a USB flash drive
I
PC control through EasyScope software
I
Advanced tools include digital filters with
adjustable limits, pass/fail testing and
waveform recorder mode
I
Multi language user interface and context
sensitive help
Model
2553
2555
2556
2557
2558
2559
Bandwidth
70 MHz
100 MHz
200 MHz
300 MHz
Channels
4
2
4
2
4


Similar Part No. - 2558

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2558 ETC2-2558 Datasheet
3Mb / 6P
Bandwidth up to 300 MHz
logo
Weidmuller
2558420000 WEIDMULLER-2558420000 Datasheet
598Kb / 8P
B2CF 3.50/40/180 SN OR BX
2558430000 WEIDMULLER-2558430000 Datasheet
598Kb / 8P
B2CF 3.50/42/180 SN OR BX
2558440000 WEIDMULLER-2558440000 Datasheet
595Kb / 8P
B2CF 3.50/44/180 SN OR BX
2558450000 WEIDMULLER-2558450000 Datasheet
594Kb / 8P
B2CF 3.50/46/180 SN OR BX
More results

Similar Description - 2558

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDS1012 ETC-TDS1012 Datasheet
138Kb / 8P
Digital Storage Oscilloscopes
TDS1000B ETC1-TDS1000B Datasheet
429Kb / 8P
Digital Storage Oscilloscopes
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
Digital Storage Oscilloscopes
TDS2000C ETC2-TDS2000C Datasheet
1Mb / 12P
Digital Storage Oscilloscopes
TPS2000B ETC2-TPS2000B Datasheet
873Kb / 14P
Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TBS1000B TEKTRONIX-TBS1000B Datasheet
936Kb / 12P
Digital Storage Oscilloscopes
DPO7000C TEKTRONIX-DPO7000C Datasheet
3Mb / 28P
Digital Phosphor Oscilloscopes
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
Digital Storage Oscilloscopes
TPS2000B TEKTRONIX-TPS2000B Datasheet
815Kb / 14P
Digital Storage Oscilloscopes
logo
B&K Precision Corporati...
2560 BK-2560 Datasheet
3Mb / 7P
Digital Storage and Mixed Signal Oscilloscopes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com