Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCAL9535APW Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCAL9535APW
Description  Low-voltage 16-bit I2C-bus I/O port with interrupt and Agile I/O
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9535APW Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCAL9535APW Datasheet HTML 12Page - NXP Semiconductors PCAL9535APW Datasheet HTML 13Page - NXP Semiconductors PCAL9535APW Datasheet HTML 14Page - NXP Semiconductors PCAL9535APW Datasheet HTML 15Page - NXP Semiconductors PCAL9535APW Datasheet HTML 16Page - NXP Semiconductors PCAL9535APW Datasheet HTML 17Page - NXP Semiconductors PCAL9535APW Datasheet HTML 18Page - NXP Semiconductors PCAL9535APW Datasheet HTML 19Page - NXP Semiconductors PCAL9535APW Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
PCAL9535A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 28 September 2012
16 of 46
NXP Semiconductors
PCAL9535A
Low-voltage 16-bit I2C-bus I/O port with interrupt and Agile I/O
7.2 Reading the port registers
In order to read data from the PCAL9535A, the bus master must first send the
PCAL9535A address with the least significant bit set to a logic 0 (see Figure 4
“PCAL9535A device address”). The command byte is sent after the address and
determines which register will be accessed. After a restart, the device address is sent
again, but this time the least significant bit is set to a logic 1. Data from the register
defined by the command byte is sent by the PCAL9535A (see Figure 9, Figure 10 and
Figure 11). Data is clocked into the register on the falling edge of the acknowledge clock
pulse. After the first byte is read, additional bytes may be read but the data now reflects
the information in the other register in the pair. For example, if Input Port 1 is read, the
next byte read is Input Port 0. There is no limit on the number of data bytes received in
one read transmission, but on the final byte received the bus master must not
acknowledge the data.
After a subsequent restart, the command byte contains the value of the next register to be
read in the pair. For example, if Input Port 1 was read last before the restart, the register
that is read after the restart is the Input Port 0.
Remark: Transfer can be stopped at any time by a STOP condition.
Fig 9.
Read from register
A
S
START condition
R/W
acknowledge
from slave
002aah374
A
acknowledge
from slave
SDA
A
P
acknowledge
from master
DATA (first byte)
slave address
STOP
condition
S
(repeated)
START condition
(cont.)
(cont.)
1
0
0
A2 A1 A0
1
A
0
R/W
acknowledge
from slave
slave address
at this moment master-transmitter becomes master-receiver
and slave-receiver becomes slave-transmitter
NA
no acknowledge
from master
1
0
0
A2 A1 A0
0
0
data from lower or
upper byte of register
LSB
MSB
DATA (last byte)
data from upper or
lower byte of register
LSB
MSB
0/1 0
0 0/1 0/1 0/1 0/1
0
command byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com