Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCAL9535APW Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCAL9535APW
Description  Low-voltage 16-bit I2C-bus I/O port with interrupt and Agile I/O
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9535APW Datasheet(HTML) 1 Page - NXP Semiconductors

  PCAL9535APW Datasheet HTML 1Page - NXP Semiconductors PCAL9535APW Datasheet HTML 2Page - NXP Semiconductors PCAL9535APW Datasheet HTML 3Page - NXP Semiconductors PCAL9535APW Datasheet HTML 4Page - NXP Semiconductors PCAL9535APW Datasheet HTML 5Page - NXP Semiconductors PCAL9535APW Datasheet HTML 6Page - NXP Semiconductors PCAL9535APW Datasheet HTML 7Page - NXP Semiconductors PCAL9535APW Datasheet HTML 8Page - NXP Semiconductors PCAL9535APW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
1.
General description
The PCAL9535A is a low-voltage 16-bit General Purpose Input/Output (GPIO) expander
with interrupt and reset for I2C-bus/SMBus applications. NXP I/O expanders provide a
simple solution when additional I/Os are needed while keeping interconnections to a
minimum, for example, in ACPI power switches, sensors, push buttons, LEDs, fan control,
etc.
In addition to providing a flexible set of GPIOs, the wide VDD range of 1.65 V to 5.5 V
allows the PCAL9535A to interface with next-generation microprocessors and
microcontrollers where supply levels are dropping down to conserve power.
The PCAL9535A contains the PCA9535 register set of four pairs of 8-bit Configuration,
Input, Output, and Polarity Inversion registers, and additionally, the PCAL9539 has
Agile I/O, which are additional features specifically designed to enhance the I/O. These
additional features are: programmable output drive strength, latchable inputs,
programmable pull-up/pull-down resistors, maskable interrupt, interrupt status register,
programmable open-drain or push-pull outputs.
The PCAL9535A is a pin-to-pin replacement to the PCA9535 and PCA9535A, however,
the PCAL9535A powers up with all I/O interrupts masked. This mask default allows for a
board bring-up free of spurious interrupts at power-up.
The PCAL9535A open-drain interrupt (INT) output is activated when any input state differs
from its corresponding Input Port register state and is used to indicate to the system
master that an input state has changed.
INT can be connected to the interrupt input of a microcontroller. By sending an interrupt
signal on this line, the remote I/O can inform the microcontroller if there is incoming data
on its ports without having to communicate via the I2C-bus. Thus, the PCAL9535A can
remain a simple slave device.
The device outputs have 25 mA sink capabilities for directly driving LEDs while consuming
low device current.
The power-on reset sets the registers to their default values and initializes the device state
machine.
Three hardware pins (A0, A1, A2) select the fixed I2C-bus address and allow up to eight
devices to share the same I2C-bus/SMBus.
PCAL9535A
Low-voltage 16-bit I2C-bus I/O port with interrupt and Agile I/O
Rev. 1 — 28 September 2012
Product data sheet


Similar Part No. - PCAL9535APW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCAL9535A NXP-PCAL9535A Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCAL9535APW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9535 NXP-PCA9535 Datasheet
190Kb / 32P
16-bit I2C-bus and SMBus, low power I/O port with interrupt
Rev. 03-4 October 2007
PCA9555 NXP-PCA9555 Datasheet
583Kb / 34P
16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9535A NXP-PCA9535A Datasheet
2Mb / 38P
Low-voltage 16-bit I2C-bus I/O port with interrupt
Rev. 1-11 September 2012
PCA9539A NXP-PCA9539A Datasheet
2Mb / 39P
Low-voltage 16-bit I2C-bus I/O port with interrupt and reset
Rev. 1-26 September 2012
PCAL9555A NXP-PCAL9555A Datasheet
2Mb / 46P
Low-voltage 16-bit I2C-bus GPIO with Agile I/O, interrupt and weak pull-up
Rev. 1-3 October 2012
PCAL9538A NXP-PCAL9538A Datasheet
2Mb / 43P
Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, reset and Agile I/O
Rev. 2-10 December 2012
PCAL9554B NXP-PCAL9554B Datasheet
2Mb / 42P
Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up and Agile I/O
Rev. 2-10 December 2012
PCA9555 NXP-PCA9555_13 Datasheet
583Kb / 34P
16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9555D-T NXP-PCA9555D-T Datasheet
583Kb / 34P
16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
logo
Pericom Semiconductor C...
PI4IOE5V9555 PERICOM-PI4IOE5V9555 Datasheet
127Kb / 1P
16-bit I2C-bus and SMBus I/O port with interrupt
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com