Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7707 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7707
Description  3 V/5 V, -10 V Input Range, 1 mW 3-Channel 16-Bit, Sigma-Delta ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7707 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7707 Datasheet HTML 5Page - Analog Devices AD7707 Datasheet HTML 6Page - Analog Devices AD7707 Datasheet HTML 7Page - Analog Devices AD7707 Datasheet HTML 8Page - Analog Devices AD7707 Datasheet HTML 9Page - Analog Devices AD7707 Datasheet HTML 10Page - Analog Devices AD7707 Datasheet HTML 11Page - Analog Devices AD7707 Datasheet HTML 12Page - Analog Devices AD7707 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
REV. A
AD7707
–9–
Table II. Output RMS Noise/Peak-to-Peak Resolution vs. Gain and Output Update Rate @ +5 V
AIN1 and AIN2 Buffered Mode Only
Filter First
Typical Output RMS Noise in
V (Peak-to-Peak Resolution in Bits)
Notch and O/P
–3 dB
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Data Rate
Frequency 1
24816
32
64
128
MCLK IN = 2.4576 MHz
10 Hz
2.62 Hz
1.47 (16)
0.95 (16)
0.88 (16)
0.55 (16)
0.42 (16)
0.42 (16)
0.42 (15)
0.41 (14)
50 Hz
13.1 Hz
4.2 (16)
2.6 (16)
1.6 (16)
1 (16)
0.89 (15.5) 0.94 (15)
0.9 (14)
0.9 (13)
60 Hz
15.72 Hz
4.9 (16)
3 (16)
1.8 (16)
1.1 (16)
1 (15.5)
1 (14.5)
0.94 (14)
0.94 (13)
250 Hz
65.5 Hz
104 (13)
52 (13)
26 (13)
14 (13)
6.5 (13)
4.1 (12.5)
2.7 (12.5)
2.3 (11.5)
500 Hz
131 Hz
572 (10.5) 293 (10.5)
125 (10.5)
69 (10.5)
40 (10.5)
19 (10.5)
10 (10.5)
5.9 (10)
MCLK IN = 1 MHz
4.05 Hz
1.06 Hz
1.48 (16)
8.95 (16)
0.87 (16)
0.67 (16)
0.41 (16)
0.40 (16)
0.40 (15)
0.40 (14)
20 Hz
5.24 Hz
3.9 (16)
2.46 (16)
1.77 (16)
1.19 (16)
0.94 (16)
0.93 (15)
0.95 (14)
0.9 (13)
25 Hz
6.55 Hz
5.37 (16)
3.05 (16)
1.89 (16)
1.33 (16)
1.11 (15.5) 1.06 (14.5) 1.04 (13.5) 1.02 (12.5)
100 Hz
26.2 Hz
98.9 (13)
52.4 (13)
26.1 (13)
12.7 (13)
6.08 (13)
4.01 (12.5) 2.62 (12.5) 2.33 (11.5)
200 Hz
52.4 Hz
596 (10.5) 298 (10.5)
133 (10.5)
69.3 (10.5) 34.7 (10.5) 16.9 (10.5) 9.67 (10.5) 6.34 (10)
OUTPUT NOISE FOR LOW LEVEL INPUT CHANNELS (3 V OPERATION)
Table III shows the AD7707 output rms noise and peak-to-peak resolution in unbuffered mode for the selectable notch and –3 dB
frequencies for the part, as selected by FS0, FS1 and FS2 of the Clock Register. The numbers given are for the bipolar input ranges
with a VREF of +1.225 V and an AVDD = 3 V. These numbers are typical and are generated at an analog input voltage of 0 V. Table
IV shows the rms noise and peak-to-peak resolution when operating in unbuffered mode. It is important to note that the peak-to-peak
numbers represent the resolution for which there will be no code flicker. They are not calculated based on rms noise but on peak-to-peak noise.
The numbers given are for bipolar input ranges with a VREF of +1.225 V and for either buffered or unbuffered mode. These numbers
are typical and are rounded to the nearest LSB. The numbers apply for the CLK DIV bit of the Clock Register set to 0. The first is
the electrical noise in the semiconductor devices (device noise) used in the implementation of the modulator. Secondly, when the
analog input is converted into the digital domain, quantization noise is added. The device noise is at a low level and is independent of
frequency. The quantization noise starts at an even lower level but rises rapidly with increasing frequency to become the dominant
noise source. The numbers in the tables are given for the bipolar input ranges. For the unipolar ranges the rms noise numbers will be
the same as the bipolar range but the peak-to-peak resolution is now based on half the signal range which effectively means losing
1 bit of resolution.
Table III. Output RMS Noise/Peak-to-Peak Resolution vs. Gain and Output Update Rate @ +3 V
AIN1 and AIN2 Unbuffered Mode Only
Filter First
Typical Output RMS Noise in
V (Peak-to-Peak Resolution in Bits)
Notch and O/P
–3 dB
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Data Rate
Frequency 1
24816
32
64
128
MCLK IN = 2.4576 MHz
10 Hz
2.62 Hz
1.60 (16)
0.8 (16)
0.48 (16)
0.29 (16)
0.29 (16)
0.27 (15.5) 0.26 (14.5) 0.26 (13.5)
50 Hz
13.1 Hz
3.8 (16)
1.9 (16)
1.1 (16)
0.64 (16)
0.60 (15.5) 0.6 (14.5)
0.6 (13.5)
0.6 (12.5)
60 Hz
15.72 Hz
4.4 (16)
2.2 (16)
1.35 (16)
0.78 (16)
0.7 (15)
0.68 (14.5) 0.64 (13.5) 0.64 (12.5)
250 Hz
65.5 Hz
53 (13)
24 (13)
15 (13)
6.8 (13)
3.6 (12.5)
2.1 (12.5)
1.5 (12)
1.3 (11)
500 Hz
131 Hz
300 (10.5) 138 (10.5)
80 (10.5)
34 (10.5)
18 (10.5)
8.7 (10.5)
4.8 (10)
3.4 (10)
MCLK IN = 1 MHz
4.05 Hz
1.06 Hz
1.56 (16)
0.88 (16)
0.52 (16)
0.3 (16)
0.28 (16)
0.27 (15.5) 0.27 (14.5) 0.26 (13.5)
20 Hz
5.24 Hz
3.85 (16)
2.02 (16)
1.15 (16)
0.74 (16)
0.63 (15.5) 0.57 (14.5) 0.61 (13.5) 0.58 (12.5)
25 Hz
6.55 Hz
4.56 (16)
2.4 (16)
1.4 (16)
0.79 (16)
0.68 (15)
0.66 (14.5) 0.64 (13.5) 0.64 (12.5)
100 Hz
26.2 Hz
45.7 (13)
22 (13)
13.7 (13)
5.27 (13)
2.64 (13)
2 (12.5)
1.59 (12)
1.4 (11)
200 Hz
52.4 Hz
262 (10.5) 125 (10.5)
66 (10.5)
32.4 (10.5) 18.4 (10.5) 8.6 (10.5)
4.64 (10.5) 3.3 (10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com