Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7707 Datasheet(PDF) 31 Page - Analog Devices

Part # AD7707
Description  3 V/5 V, -10 V Input Range, 1 mW 3-Channel 16-Bit, Sigma-Delta ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7707 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD7707 Datasheet HTML 27Page - Analog Devices AD7707 Datasheet HTML 28Page - Analog Devices AD7707 Datasheet HTML 29Page - Analog Devices AD7707 Datasheet HTML 30Page - Analog Devices AD7707 Datasheet HTML 31Page - Analog Devices AD7707 Datasheet HTML 32Page - Analog Devices AD7707 Datasheet HTML 33Page - Analog Devices AD7707 Datasheet HTML 34Page - Analog Devices AD7707 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
REV. A
AD7707
–31–
AD7707 to 8051 Interface
An interface circuit between the AD7707 and the 8XC51
microcontroller is shown in Figure 22. The diagram shows the
minimum number of interface connections with CS on the
AD7707 hard-wired low. In the case of the 8XC51 interface the
minimum number of interconnects is just two. In this scheme,
the DRDY bit of the Communications Register is monitored to
determine when the Data Register is updated. The alternative
scheme, which increases the number of interface lines to three,
is to monitor the DRDY output line from the AD7707. The
monitoring of the DRDY line can be done in two ways. First,
DRDY can be connected to one of the 8XC51’s port bits (such
as P1.0) which is configured as an input. This port bit is then
polled to determine the status of DRDY. The second scheme is
to use an interrupt-driven system, in which case the DRDY
output is connected to the INT1 input of the 8XC51. For inter-
faces that require control of the CS input on the AD7707, one
of the port bits of the 8XC51 (such as P1.1), which is config-
ured as an output, can be used to drive the CS input. The
8XC51 is configured in its Mode 0 serial interface mode. Its
serial interface contains a single data line. As a result, the
DATA OUT and DATA IN pins of the AD7707 should be
connected together with a 10 k
Ω pull-up resistor. The serial
clock on the 8XC51 idles high between data transfers. The
8XC51 outputs the LSB first in a write operation, while the
AD7707 expects the MSB first so the data to be transmitted has
to be rearranged before being written to the output serial regis-
ter. Similarly, the AD7707 outputs the MSB first during a read
operation while the 8XC51 expects the LSB first. Therefore, the
data read into the serial buffer needs to be rearranged before
the correct data word from the AD7707 is available in the
accumulator.
RFS
DT
ADSP-2103/
ADSP-2105
RESET
SCLK
DATA OUT
DATA IN
CS
AD7707
VDD
TFS
DR
SCLK
Figure 23. AD7707 to ADSP-2103/ADSP-2105 Interface
AD7707 to ADSP-2103/ADSP-2105 Interface
Figure 23 shows an interface between the AD7707 and the
ADSP-2103/ADSP-2105 DSP processor. In the interface
shown, the DRDY bit of the Communications Register is again
monitored to determine when the Data Register is updated. The
alternative scheme is to use an interrupt-driven system, in which
case the DRDY output is connected to the IRQ2 input of the
ADSP-2103/ADSP-2105. The serial interface of the ADSP-
2103/ADSP-2105 is set up for alternate framing mode. The
RFS and TFS pins of the ADSP-2103/ADSP-2105 are config-
ured as active low outputs and the ADSP-2103/ADSP-2105
serial clock line, SCLK, is also configured as an output. The CS
for the AD7707 is active when either the RFS or TFS outputs
from the ADSP-2103/ADSP-2105 are active. The serial clock
rate on the ADSP-2103/ADSP-2105 should be limited to
3 MHz to ensure correct operation with the AD7707.
CODE FOR SETTING UP THE AD7707
Table XVII gives a set of read and write routines in C code for
interfacing the 68HC11 microcontroller to the AD7707. The
sample program sets up the various registers on the AD7707
and reads 1000 samples from the part into the 68HC11. The
setup conditions on the part are exactly the same as those out-
lined for the flowchart of Figure 20. In the example code given
here, the DRDY output is polled to determine if a new valid
word is available in the data register.
The sequence of the events in this program are as follows:
1. Write to the Communications Register, selecting channel one
as the active channel and setting the next operation to be a
write to the clock register.
2. Write to Clock Register setting the CLK DIV bit which
divides the external clock internally by two. This assumes
that the external crystal is 4.9512 MHz. The update rate is
selected to be 50 Hz.
3. Write to Communication Register selecting Channel 1 as the
active channel and setting the next operation to be a write to
the Setup Register.
4. Write to the Setup Register, setting the gain to 1, setting
bipolar mode, buffer off, clearing the filter synchronization
and initiating a self-calibration.
5. Poll the DRDY output.
6. Read the data from the Data Register.
7. Loop around doing Steps 5 and 6 until the specified number
of samples have been taken from the selected channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com