Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7707 Datasheet(PDF) 29 Page - Analog Devices

Part # AD7707
Description  3 V/5 V, -10 V Input Range, 1 mW 3-Channel 16-Bit, Sigma-Delta ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7707 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7707 Datasheet HTML 25Page - Analog Devices AD7707 Datasheet HTML 26Page - Analog Devices AD7707 Datasheet HTML 27Page - Analog Devices AD7707 Datasheet HTML 28Page - Analog Devices AD7707 Datasheet HTML 29Page - Analog Devices AD7707 Datasheet HTML 30Page - Analog Devices AD7707 Datasheet HTML 31Page - Analog Devices AD7707 Datasheet HTML 32Page - Analog Devices AD7707 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
REV. A
AD7707
–29–
POWER-ON/RESET FOR AD7707
CONFIGURE & INITIALIZE
C/ P SERIAL PORT
WRITE TO COMMUNICATIONS REGISTER SELECTING
CHANNEL & SETTING UP NEXT OPERATION TO BE A
WRITE TO THE CLOCK REGISTER (20 HEX)
WRITE TO CLOCK REGISTER SETTING THE CLOCK
BITS IN ACCORDANCE WITH THE APPLIED MASTER
CLOCK SIGNAL AND SELECT UPDATE RATE FOR
SELECTED CHANNEL (0C HEX)
WRITE TO COMMUNICATIONS REGISTER SELECTING
CHANNEL & SETTING UP NEXT OPERATION TO BE A
WRITE TO THE SETUP REGISTER (10 HEX)
WRITE TO SETUP REGISTER CLEARING F SYNC,
SETTING UP GAIN, OPERATING CONDITIONS &
INITIATING A SELF-CALIBRATION ON SELECTED
CHANNEL (40 HEX)
POLL
DRDY PIN
NO
YES
WRITE TO COMMUNICATIONS REGISTER SETTING UP
NEXT OPERATION TO BE A READ FROM THE DATA
REGISTER (38 HEX)
READ FROM DATA REGISTER
WRITE TO COMMUNICATIONS REGISTER SETTING UP NEXT
OPERATION TO BE A READ FROM THE COMMUNICATIONS
REGISTER (08 HEX)
READ FROM COMMUNICATIONS REGISTER
POLL
DRDY BIT OF COMMUNICATIONS REGISTER
WRITE TO COMMUNICATIONS REGISTER SETTING UP
NEXT OPERATION TO BE A READ FROM THE DATA
REGISTER (38 HEX)
START
READ FROM DATA REGISTER
DRDY
LOW?
NO
YES
DRDY
LOW?
Figure 20. Flowchart for Setting Up and Reading from the AD7707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com