Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7821 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7821
Description  LC2MOS High Speed, mP-Compatible 8-Bit ADC with Track/Hold Function
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7821 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7821 Datasheet HTML 4Page - Analog Devices AD7821 Datasheet HTML 5Page - Analog Devices AD7821 Datasheet HTML 6Page - Analog Devices AD7821 Datasheet HTML 7Page - Analog Devices AD7821 Datasheet HTML 8Page - Analog Devices AD7821 Datasheet HTML 9Page - Analog Devices AD7821 Datasheet HTML 10Page - Analog Devices AD7821 Datasheet HTML 11Page - Analog Devices AD7821 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD7821
REV. A
–8–
lem of antialiasing filter design, the sampling rate is usually set
much greater than the Nyquist criterion. The maximum sam-
pling rate (fMAX) for the AD7821 in the WR-RD mode,
(tRD < tINTL) can be calculated as follows:
f
MAX =
1
t
WR + tRD + tRI + tP
f
MAX =
1
0.25E
− 6 + 0.25E − 6 + 0.15E − 6 + 0.35E − 6
tWR = Write Pulse Width
tRD = Delay Time between WR and RD Pulses
tRI = RD to INT Delay
tP = Delay Time between Conversions
This permits a maximum sampling rate for the AD7821 of
1 MHz, which is much greater than the Nyquist criterion for
sampling a 100 kHz analog input signal.
DIGITAL SIGNAL PROCESSING APPLICATIONS
In Digital Signal Processing (DSP) application areas like voice
recognition, echo cancellation and adaptive filtering, the dy-
namic characteristics (Signal-to-Noise Ratio, Harmonic Distor-
tion, Intermodulation Distortion) of an ADC are critical. Since
the AD7821 is a very fast ADC with a built-in track-and-hold
function, it is specified dynamically as well as with standard dc
specifications (Total Unadjusted Error, etc.).
SIGNAL-TO-NOISE RATIO AND DISTORTION
The dynamic performance of the AD7821 is evaluated by apply-
ing a very low distortion sine wave signal to the analog input
(VIN) which is then sampled at a 512 kHz sampling rate. A Fast
Fourier Transform (FFT) plot is then generated from which
Signal-to-Noise Ratio (SNR) and harmonic distortion data are
obtained.
Figure 8 shows a 2048 point FFT plot of the AD7821 with an
input signal of 100.25 kHz. The SNR is 49.1 dB. It should be
noted that the harmonics are taken into account when calculat-
ing the SNR. The theoretical relationship between SNR and
resolution (N) is expressed by the following equation:
SNR = (6.02 N + 1.76) dB
. . . . . . . . . . . . . . . . . . . . . (1)
Figure 8. AD7821 FFT Plot
EFFECTIVE NUMBER OF BITS
By working backwards from Equation (1) it is possible to get a
measure of ADC performance expressed in effective number of
bits (N). A plot of the effective number of bits versus input fre-
quency is given in the Typical Performance Characteristics sec-
tion. The effective number of bits typically falls between 7.7 and
7.9, corresponding to SNR figures of 48.1 and 49.7 dB.
INTERMODULATION DISTORTION
For intermodulation distortion (IMD), an FFT plot consisting
of very low distortion sine waves at two frequencies is generated
by sampling an analog input applied to the ADC. Figure 9
shows a 2048 point plot for IMD.
Figure 9. FFT Plot for IMD
HISTOGRAM PLOT
When a sine wave of specified frequency is applied to the VIN in-
put of the AD7821 and several thousand samples are taken, it is
possible to plot a histogram showing the frequency of occur-
rence of each of the 256 ADC codes. A perfect ADC produces a
probability density function described by the equation:
P(V )
=
1
π( A2 −V 2)1/2
where A is the peak amplitude of the sine wave and P(V) is the
probability of occurrence at a voltage V.
If a particular step is wider than the ideal 1 LSB width, then the
code associated with that step will accumulate more counts than
for the code for an ideal step. Likewise, a step narrower than the
ideal width will have fewer counts. Missing codes are easily seen
because a missing code means zero counts for a particular code.
The absence of large spikes in the plot indicates small differen-
tial nonlinearity.
Figure 10 shows a histogram plot for the AD7821, which corre-
sponds very well with the ideal shape. The plot indicates very
small differential nonlinearity and no missing codes for an input
frequency of 100.25 kHz.
Figure 10. AD7821 Histogram Plot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com