Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7821 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7821
Description  LC2MOS High Speed, mP-Compatible 8-Bit ADC with Track/Hold Function
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7821 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7821 Datasheet HTML 4Page - Analog Devices AD7821 Datasheet HTML 5Page - Analog Devices AD7821 Datasheet HTML 6Page - Analog Devices AD7821 Datasheet HTML 7Page - Analog Devices AD7821 Datasheet HTML 8Page - Analog Devices AD7821 Datasheet HTML 9Page - Analog Devices AD7821 Datasheet HTML 10Page - Analog Devices AD7821 Datasheet HTML 11Page - Analog Devices AD7821 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD7821
REV. A
–10–
MICROPROCESSOR INTERFACING
The AD7821 is designed for easy interfacing to microprocessors
as a memory mapped peripheral or an I/O device. This reduces
to a minimum the amount of external logic required for
interfacing.
AD7821 – 68008 INTERFACE
Figure 14 shows an AD7821 interface to the 68008 micropro-
cessor. The ADC is configured for the RD interface mode. This
means that one read instruction starts a conversion and reads
the result when the conversion is completed. The read cycle is
stretched out over the entire conversion period by taking the
INT
line back to the DTACK input of the 68008. Starting a
conversion and reading the relevant data consists of a <MOVE
B Dn, addr> instruction, where addr is the decoded ADC ad-
dress and Dn is the data register into which the result is placed.
Figure 14. AD7821 to 68008 Interface
AD7821 – 8088 INTERFACE
A typical interface to the 8088 is shown in Figure 15. The
AD7821 is configured for the RD interface mode. One read in-
struction starts a conversion and reads the result. The read cycle
is stretched out over the entire conversion period by taking the
RDY line back to the READY input of the 8088. Starting a con-
version and reading the result consists of a <MOV AX, (addr)>
instruction, where addr is the decoded ADC address and AX is
the 8088 data register into which the conversion result is placed.
Figure 15. AD7821 to 8088 Interface
AD7821 – TMS32010 INTERFACE
A typical interface to the TMS32010 is shown in Figure 16. The
AD7821 is mapped at a port address and the interface is designed
for the maximum TMS32010 clock frequency of 20 MHz. In this
case, the AD7821 is configured in the WR-RD interface mode.
This means that a write instruction starts a conversion and a
read instruction reads the result when the conversion is com-
pleted. A precise timer or clock source is used to start a conver-
sion in applications requiring equidistant sampling intervals.
The scheme used, whereby the AD7821 generates an interrupt
to the TMS32010, is limited in that it does not allow the
AD7821 to be sampled at its maximum rate. This is because the
time between samples has to be long enough to allow the
TMS32010 to service its interrupt and read data from the
AD7821. Constant interruption of the TMS32010 by the
AD7821, every time the ADC completes a conversion, is not a
very efficient use of the processor time. To overcome these
problems, some buffer memory or FIFO could be placed be-
tween the AD7821 and the TMS32010. The INT line of the
AD7821 could be used to trigger a pulse which drives its CS
and RD lines and places the AD7821 data into a FIFO or buffer
memory. The microprocessor can then read a batch of data
from the FIFO or buffer memory at some convenient time.
Reading data from the AD7821, after an INT has been re-
ceived, consists of <IN A, PA> instruction (PA is the decoded
ADC address).
Figure 16. AD7821 to TMS32010 Interface
AD7821 – 8051 INTERFACE
Figure 17 shows the AD7821 interface to the 8051 microcom-
puter. The AD7821 is configured in the WR-RD interface mode
and is connected to the 8051 ports. The processor starts conver-
sion and then polls INT, until it goes low, before reading the
conversion result. Data is read from the AD7821 by using the
<MOV A, 90H> instruction (90H is the address for Port 1).
Figure 17. AD7821 to 8051 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com