Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7821 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7821
Description  LC2MOS High Speed, mP-Compatible 8-Bit ADC with Track/Hold Function
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7821 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7821 Datasheet HTML 4Page - Analog Devices AD7821 Datasheet HTML 5Page - Analog Devices AD7821 Datasheet HTML 6Page - Analog Devices AD7821 Datasheet HTML 7Page - Analog Devices AD7821 Datasheet HTML 8Page - Analog Devices AD7821 Datasheet HTML 9Page - Analog Devices AD7821 Datasheet HTML 10Page - Analog Devices AD7821 Datasheet HTML 11Page - Analog Devices AD7821 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AD7821
REV. A
–12–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
20-Pin Plastic DIP (N-20)
20-Pin Cerdip (Q-20)
20-Terminal Plastic Leaded Chip Carrier
(P-20A)
20-Terminal Leadless Ceramic Chip Carrier
(E-20A)
SIMULTANEOUS SAMPLING A/D CONVERTERS
The AD7821’s inherent track-and-hold and well-defined sam-
pling instant makes it useful, in such applications as sonar,
where a number of input channels are required to be sampled
simultaneously. Figure 22 shows a circuit for such an applica-
tion.
Figure 22. Simultaneous Sampling A/D Converters
The actual sampling instant, which is the instant at which VIN is
measured, occurs approximately 50 ns after the falling edge of
WR
or RD in the WR-RD or RD modes, respectively, due to in-
ternal logic delays. However, the internal logic delay and, there-
fore, the sampling instant can vary from device to device, but is
typically within
±5 ns. This means that a maximum common in-
put sine wave of
±2.5 V at 32 kHz, applied to any number of
AD7821s in the circuit of Figure 22, will yield a maximum dif-
ference between the converter outputs of typically
±1/4 LSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com