Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8108AST Datasheet(PDF) 15 Page - Analog Devices

Part # AD8108AST
Description  325 MHz, 8 x 8 Buffered Video Crosspoint Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8108AST Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8108AST Datasheet HTML 11Page - Analog Devices AD8108AST Datasheet HTML 12Page - Analog Devices AD8108AST Datasheet HTML 13Page - Analog Devices AD8108AST Datasheet HTML 14Page - Analog Devices AD8108AST Datasheet HTML 15Page - Analog Devices AD8108AST Datasheet HTML 16Page - Analog Devices AD8108AST Datasheet HTML 17Page - Analog Devices AD8108AST Datasheet HTML 18Page - Analog Devices AD8108AST Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
AD8108/AD8109
–15–
REV. 0
THEORY OF OPERATION:
The AD8108 (G = +1) and AD8109 (G = +2) share a common
core architecture consisting of an array of 64 transconductance
(gm) input stages organized as eight 8:1 multiplexers with a
common, 8-line analog input bus. Each multiplexer is basically
a folded-cascode high impedance voltage feedback amplifier
with eight input stages. The input stages are NPN differential
pairs whose differential current outputs are combined at the
output stage, which contains the high impedance node, com-
pensation and a complementary emitter follower output buffer.
In the AD8108, the output of each multiplexer is fed back di-
rectly to the inverting inputs of its eight gm stages. In the
AD8109, the feedback network is a voltage divider consisting of
a two equal resistors.
This switched-gm architecture results in a low power crosspoint
switch that is able to directly drive a back terminated video load
(150
Ω) with low distortion (differential gain and differential
phase errors are better than 0.02% and 0.02
°, respectively).
This design also achieves high input resistance and low input
capacitance without the signal degradation and power dissipa-
tion of additional input buffers. However, the small input bias
current at any input will increase almost linearly with the num-
ber of outputs programmed to that input.
The output disable feature of these crosspoints allows larger
switch matrices to be built by simply busing together the out-
puts of multiple 8
× 8 ICs. However, while the disabled output
impedance of the AD8108 is very high (10 M
Ω), that of the
AD8109 is limited by the resistive feedback network (which has
a nominal total resistance of 1 k
Ω that appears in parallel with
the disabled output. If the outputs of multiple AD8109s are
connected through separate back termination resistors, the
loading due to these finite output impedances will lower the
effective back termination impedance of the overall matrix. This
problem is eliminated if the outputs of multiple AD8109s are
connected directly and share a single back termination resistor
for each output of the overall matrix. This configuration in-
creases the capacitive loading of the disabled AD8109s on the
output of the enabled AD8109.
APPLICATIONS
The AD8108/AD8109 have two options for changing the pro-
gramming of the crosspoint matrix. In the first, a serial word of
32 bits can be provided that will update the entire matrix each
time. The second option allows for changing a single output’s
programming via a parallel interface. The serial option requires
fewer signals, but requires more time (clock cycles) for changing
the programming, while the parallel programming technique re-
quires more signals, but can change a single output at a time and
requires fewer clock cycles to complete programming.
Serial Programming
The serial programming mode uses the device pins
CE, CLK,
DATA IN,
UPDATE, and SER/PAR. The first step is to assert
a LOW on
SER/PAR in order to enable the serial program-
ming mode.
CE for the chip must be LOW to allow data to be
clocked into the device. The
CE signal can be used to address
an individual device when devices are connected in parallel.
The
UPDATE signal should be HIGH during the time that data
is shifted into the device’s serial port. Although the data will still
shift in when
UPDATE is LOW, the transparent, asynchronous
latches will allow the shifting data to reach the matrix. This will
cause the matrix to try to update to every intermediate state as
defined by the shifting data.
The data at DATA IN is clocked in at every down edge of CLK.
A total of 32 data bits must be shifted in to complete the pro-
gramming. For each of the eight outputs, there are three bits
(D0–D2) that determine the source of its input followed by one
bit (D3) that determines the enabled state of the output. If D3
is LOW (output disabled), the three associated bits (D0–D2) do
not matter because no input will be switched to that output.
The most-significant-output-address data is shifted in first, then
following in sequence until the least-significant-output-address
data is shifted in. At this point
UPDATE can be taken LOW,
which will cause the programming of the device according to the
data that was just shifted in. The
UPDATE registers are asyn-
chronous and when
UPDATE is LOW, they are transparent.
If more than one AD8108/AD8109 device is to be serially pro-
grammed in a system, the DATA OUT signal from one device
can be connected to the DATA IN of the next device to form a
serial chain. All of the CLK,
CE, UPDATE and SER/PAR
pins should be connected in parallel and operated as de-
scribed above. The serial data is input to the DATA IN pin of
the first device of the chain, and it will ripple on through to the
last. Therefore, the data for the last device in the chain should
come at the beginning of the programming sequence. The length
of the programming sequence will be 32 times the number of
devices in the chain.
PARALLEL PROGRAMMING
When using the parallel programming mode, it is not neces-
sary to reprogram the entire device when making changes to
the matrix. In fact, parallel programming allows the modifica-
tion of a single output at a time. Since this takes only one CLK/
UPDATE cycle, significant time savings can be realized by
using parallel programming.
One important consideration in using parallel programming is
that the
RESET signal DOES NOT RESET ALL REGISTERS
in the AD8108/AD8109. When taken low, the
RESET signal
will only set each output to the disabled state. This is helpful
during power-up to ensure that two parallel outputs will not be
active at the same time.
After initial power-up, the internal registers in the device will
generally have random data, even though the
RESET signal was
asserted. If parallel programming is used to program one out-
put, that output will be properly programmed but the rest of the
device will have a random program state depending on the inter-
nal register content at power-up. Therefore, when using parallel
programming, it is essential that ALL OUTPUTS BE PRO-
GRAMMED TO A DESIRED STATE AFTER POWER-UP.
This will ensure that the programming matrix is always in a
known state. From then on, parallel programming can be used
to modify a single, or more, output at a time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com