Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD822 Datasheet(PDF) 8 Page - Analog Devices

Part # AD822
Description  Single Supply, Rail-to-Rail Low Power FET-Input Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD822 Datasheet HTML 4Page - Analog Devices AD822 Datasheet HTML 5Page - Analog Devices AD822 Datasheet HTML 6Page - Analog Devices AD822 Datasheet HTML 7Page - Analog Devices AD822 Datasheet HTML 8Page - Analog Devices AD822 Datasheet HTML 9Page - Analog Devices AD822 Datasheet HTML 10Page - Analog Devices AD822 Datasheet HTML 11Page - Analog Devices AD822 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
10M
100k
10k
100
1k
100k
10k
1M
LOAD RESISTANCE –
Ω
V
S
=
±15V
V
S
= 0V, 5V
V
S
= 0V, 3V
Figure 7. Open-Loop Gain vs. Load Resistance
140
10M
100k
10k
1M
–60
–40
120
100
80
60
40
20
0
–20
TEMPERATURE –
°C
V
S
=
±15V
V
S
= 0V, 5V
V
S
=
±15V
V
S
= 0V, 5V
V
S
=
±15V
V
S
= 0V, 5V
R
L
= 100k
Ω
R
L
= 10k
Ω
R
L
= 600
Ω
Figure 8. Open-Loop Gain vs. Temperature
300
–300
16
0
–200
–12
–100
–16
200
100
12
4
0
–4
8
–8
OUTPUT VOLTAGE – V
R
L
= 100k
Ω
R
L
= 10k
Ω
R
L
= 600
Ω
Figure 9. Input Error Voltage vs. Output Voltage for
Resistive Loads
AD822–Typical Characteristics
REV. A
–8–
40
–40
0
300
20
–20
60
0
180
240
120
POS
RAIL
OUTPUT VOLTAGE FROM SUPPLY RAILS – mV
R
L
= 2k
Ω
R
L
= 20k
Ω
R
L
= 100k
Ω
POS RAIL
NEG RAIL
NEG RAIL
NEG RAIL
POS RAIL
Figure 10. Input Error Voltage with Output Voltage within
300 mV of Either Supply Rail for Various Resistive Loads;
VS = ±5V
1k
100
1
10
10k
1k
100
1
FREQUENCY – Hz
10
Figure 11. Input Voltage Noise vs. Frequency
–40
–90
–110
100
1k
100k
10k
–60
–100
–80
–70
–50
FREQUENCY – Hz
R
L
= 10k
Ω
A
CL
= –1
V
S
=
±15V; V
OUT
= 20Vp-p
V
S
=
±5V; V
OUT
= 9Vp-p
V
S
= 0V, 5V; V
OUT
= 4.5Vp-p
V
S
= 0V, 3V; V
OUT
= 2.5Vp-p
Figure 12. Total Harmonic Distortion vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com