Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD822 Datasheet(PDF) 12 Page - Analog Devices

Part # AD822
Description  Single Supply, Rail-to-Rail Low Power FET-Input Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD822 Datasheet HTML 8Page - Analog Devices AD822 Datasheet HTML 9Page - Analog Devices AD822 Datasheet HTML 10Page - Analog Devices AD822 Datasheet HTML 11Page - Analog Devices AD822 Datasheet HTML 12Page - Analog Devices AD822 Datasheet HTML 13Page - Analog Devices AD822 Datasheet HTML 14Page - Analog Devices AD822 Datasheet HTML 15Page - Analog Devices AD822 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
–12–
AD822
REV. A
10
90
100
0%
2µs
1V
GND
Figure 31. VS = +5 V, 0 V; Unity Gain Follower Response
to 0 V to 4 V Step
+V
S
V
IN
R
L
100pF
V
OUT
8
4
0.01
µF
1/2
AD822
Figure 32. Unity Gain Follower
10k
20k
+V
S
V
IN
R
L
100pF
V
OUT
8
4
0.01
µF
1/2
AD822
Figure 33. Gain of Two Inverter
10
90
100
0%
2µs
1V
GND
Figure 34. VS = +5 V, 0 V; Unity Gain Follower Response
to 0 V to 5 V Step
10
90
100
0%
2µs
10mV
GND
Figure 35. VS = +5 V, 0 V; Unity Gain Follower Response,
to 40 mV Step Centered 40 mV Above Ground, RL = 10 kΩ
10
90
100
0%
2µs
10mV
GND
Figure 36. VS = +5 V, 0 V; Gain of Two Inverter Response
to 20 mV Step, Centered 20 mV Below Ground, RL = 10 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com