Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD822 Datasheet(PDF) 1 Page - Analog Devices

Part # AD822
Description  Single Supply, Rail-to-Rail Low Power FET-Input Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822 Datasheet(HTML) 1 Page - Analog Devices

  AD822 Datasheet HTML 1Page - Analog Devices AD822 Datasheet HTML 2Page - Analog Devices AD822 Datasheet HTML 3Page - Analog Devices AD822 Datasheet HTML 4Page - Analog Devices AD822 Datasheet HTML 5Page - Analog Devices AD822 Datasheet HTML 6Page - Analog Devices AD822 Datasheet HTML 7Page - Analog Devices AD822 Datasheet HTML 8Page - Analog Devices AD822 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CONNECTION DIAGRAM
8-Pin Plastic DIP, Cerdip and SOIC
OUT1
–IN1
+IN1
V–
V+
OUT2
–IN2
+IN2
1
2
3
4
8
7
6
5
AD822
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Single Supply, Rail-to-Rail
Low Power FET-Input Op Amp
AD822
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
TRUE SINGLE SUPPLY OPERATION
Output Swings Rail to Rail
Input Voltage Range Extends Below Ground
Single Supply Capability from +3 V to +36 V
Dual Supply Capability from
1.5 V to
18 V
HIGH LOAD DRIVE
Capacitive Load Drive of 350 pF, G = 1
Minimum Output Current of 15 mA
EXCELLENT AC PERFORMANCE FOR LOW POWER
800
A Max Quiescent Current per Amplifier
Unity Gain Bandwidth: 1.8 MHz
Slew Rate of 3.0 V/ s
GOOD DC PERFORMANCE
800
V Max Input Offset Voltage
2
V/ C Typ Offset Voltage Drift
25 pA Max Input Bias Current
LOW NOISE
13 nV/
√Hz @ 10 kHz
NO PHASE INVERSION
APPLICATIONS
Battery Powered Precision Instrumentation
Photodiode Preamps
Active Filters
12- to 14-Bit Data Acquisition Systems
Medical Instrumentation
Low Power References and Regulators
PRODUCT DESCRIPTION
The AD822 is a dual precision, low power FET input op
amp that can operate from a single supply of +3.0 V to 36 V,
or dual supplies of
±1.5 V to ±18 V. It has true single supply
capability with an input voltage range extending below the
negative rail, allowing the AD822 to accommodate input signals
below ground in the single supply mode. Output voltage swing
extends to within 10 mV of each rail providing the maximum
output dynamic range.
Offset voltage of 800
µV max, offset voltage drift of 2 µV/°C,
input bias currents below 25 pA and low input voltage noise
provide dc precision with source impedances up to a Gigaohm.
1.8 MHz unity gain bandwidth, –93 dB THD at 10 kHz and
3 V/
µs slew rate are provided with a low supply current of
800
µA per amplifier. The AD822 drives up to 350 pF of direct
capacitive load as a follower, and provides a minimum output
current of 15 mA. This allows the amplifier to handle a wide
range of load conditions. This combination of ac and dc
performance, plus the outstanding load drive capability, results
in an exceptionally versatile amplifier for the single supply user.
The AD822 is available in four performance grades. The A and
B grades are rated over the industrial temperature range of
–40
°C to +85°C. There is also a 3 volt grade—the AD822A-3V,
rated over the industrial temperature range. The mil grade is
rated over the military temperature range of –55
°C to +125°C
and is available processed on standard military drawing.
The AD822 is offered in three varieties of 8-pin package: plastic
DIP, hermetic cerdip and surface mount (SOIC) as well as die
form.
10
90
100
0%
1V
1V
20µ
s
1V
5V
VOUT
0V
(GND)
Gain of +2 Amplifier; VS = +5, 0, VIN = 2.5 V Sine Centered
at 1.25 Volts, RL = 100 kΩ
Input Voltage Noise vs. Frequency
100
10
1
10
100
10k
1k
FREQUENCY – Hz


Similar Part No. - AD822

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD822 AD-AD822 Datasheet
595Kb / 28P
Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. G
AD822 AD-AD822 Datasheet
908Kb / 88P
MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
AD822 AD-AD822 Datasheet
523Kb / 24P
Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. J
AD822 AD-AD822 Datasheet
1Mb / 27P
Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
Rev. I
logo
List of Unclassifed Man...
AD822-00 ETC2-AD822-00 Datasheet
159Kb / 12P
Package Drawings and Specifications
More results

Similar Description - AD822

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD824 AD-AD824 Datasheet
551Kb / 16P
Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV.A
AD824 AD-AD824_03 Datasheet
552Kb / 16P
Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD820 AD-AD820_07 Datasheet
588Kb / 24P
Single-Supply, Rail-to-Rail, Low Power FET-Input Op Amp
Rev. E
AD820ARMZ AD-AD820ARMZ Datasheet
428Kb / 24P
Single-Supply, Rail-to-Rail, Low Power, FET Input Op Amp
Rev. H
AD822ARMZ AD-AD822ARMZ Datasheet
296Kb / 24P
Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD824ARZ-14-REEL7 AD-AD824ARZ-14-REEL7 Datasheet
1Mb / 16P
Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824ARZ-14 AD-AD824ARZ-14 Datasheet
1Mb / 16P
Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD822 AD-AD822_15 Datasheet
296Kb / 24P
Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD824 AD-AD824_15 Datasheet
436Kb / 16P
Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. D
AD824 AD-AD824_V01 Datasheet
344Kb / 16P
Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com