Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE-RTDUWS-2W Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LE-RTDUWS-2W
Description  compact lightsource in multi chip SMT technology with glass window on top
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LE-RTDUWS-2W Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LE-RTDUWS-2W Datasheet HTML 6Page - OSRAM GmbH LE-RTDUWS-2W Datasheet HTML 7Page - OSRAM GmbH LE-RTDUWS-2W Datasheet HTML 8Page - OSRAM GmbH LE-RTDUWS-2W Datasheet HTML 9Page - OSRAM GmbH LE-RTDUWS-2W Datasheet HTML 10Page - OSRAM GmbH LE-RTDUWS-2W Datasheet HTML 11Page - OSRAM GmbH LE-RTDUWS-2W Datasheet HTML 12Page - OSRAM GmbH LE-RTDUWS-2W Datasheet HTML 13Page - OSRAM GmbH LE-RTDUWS-2W Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LE RTDUW S2W
2012-03-02
10
Relativer Lichtstrom
1) 2) 5) Seite 23
Relative Luminous Flux
1) 2) 5) page 23
Φ
V/ΦV(700 mA); TS = 25 °C; red
Relativer Strahlleistung
1) 2) 5) Seite 23
Relative Radiant Power
1) 2) 5) page 23
Φ
E/ΦE(700 mA); TS = 25 °C; deep blue
Relativer Lichtstrom
1) 2) 5) Seite 23
Relative Luminous Flux
1) 2) 5) page 23
Φ
V/ΦV(700 mA); TS = 25 °C; true green
Relativer Lichtstrom
1) 2) 5) Seite 23
Relative Luminous Flux
1) 2) 5) page 23
Φ
V/ΦV(700 mA); TS = 25 °C; ultra white
200
400
600
800
1000
IF [mA]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
Φv
Φv(700mA)
200
400
600
800
1000
IF [mA]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
ΦE
ΦE(700mA)
200
400
600
800
1000
IF [mA]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
Φv
Φv(700mA)
200
400
600
800
1000
IF [mA]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
Φv
Φv(700mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com