Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE-RTDUWS-2W Datasheet(PDF) 14 Page - OSRAM GmbH

Part # LE-RTDUWS-2W
Description  compact lightsource in multi chip SMT technology with glass window on top
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LE-RTDUWS-2W Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button LE-RTDUWS-2W Datasheet HTML 10Page - OSRAM GmbH LE-RTDUWS-2W Datasheet HTML 11Page - OSRAM GmbH LE-RTDUWS-2W Datasheet HTML 12Page - OSRAM GmbH LE-RTDUWS-2W Datasheet HTML 13Page - OSRAM GmbH LE-RTDUWS-2W Datasheet HTML 14Page - OSRAM GmbH LE-RTDUWS-2W Datasheet HTML 15Page - OSRAM GmbH LE-RTDUWS-2W Datasheet HTML 16Page - OSRAM GmbH LE-RTDUWS-2W Datasheet HTML 17Page - OSRAM GmbH LE-RTDUWS-2W Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LE RTDUW S2W
2012-03-02
14
Dominante Wellenlänge
1) 2) Seite 23
Dominant Wavelength
1) 2) page 23
∆λ
dom = f (Tj); IF = 700 mA; red
Dominante Wellenlänge
1) 2) Seite 23
Dominant Wavelength
1) 2) page 23
∆λ
dom = f (Tj); IF = 700 mA; true green
Dominante Wellenlänge
1) 2) Seite 23
Dominant Wavelength
1) 2) page 23
∆λ
dom = f (Tj); IF = 700 mA; deep blue
Farbortverschiebung
1) 2) Seite 23
Chromaticity Coordinate Shift
1) 2) page 23
∆Cx, ∆Cy = f (T
j); IF = 700 mA
OHL04423
-6
∆λ
dom
nm
j
T
-40
20
0
-20
80
60
40
˚C 120
-4
-2
0
2
4
6
8
OHL04442
-10
∆λ
dom
nm
j
T
-40
20
0
-20
80
60
40
˚C 120
-5
0
5
10
OHL04441
-6
∆λ
dom
nm
j
T
-40
20
0
-20
80
60
40
˚C 120
-4
-2
0
2
4
6
OHL04430
Cx,
∆
Cy
∆
-40
˚C
j
T
-20
0
20 40 60 80
120
-0.03
Cx
Cy
-0.02
-0.01
0
0.01
0.02
0.03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com