Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE-RTDUWS-2W Datasheet(PDF) 16 Page - OSRAM GmbH

Part # LE-RTDUWS-2W
Description  compact lightsource in multi chip SMT technology with glass window on top
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LE-RTDUWS-2W Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button LE-RTDUWS-2W Datasheet HTML 12Page - OSRAM GmbH LE-RTDUWS-2W Datasheet HTML 13Page - OSRAM GmbH LE-RTDUWS-2W Datasheet HTML 14Page - OSRAM GmbH LE-RTDUWS-2W Datasheet HTML 15Page - OSRAM GmbH LE-RTDUWS-2W Datasheet HTML 16Page - OSRAM GmbH LE-RTDUWS-2W Datasheet HTML 17Page - OSRAM GmbH LE-RTDUWS-2W Datasheet HTML 18Page - OSRAM GmbH LE-RTDUWS-2W Datasheet HTML 19Page - OSRAM GmbH LE-RTDUWS-2W Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
2012-03-02
16
LE RTDUW S2W
Maßzeichnung
6) Seite 23
Package Outlines
6) page 23
Korrosionsfestigkeit besser als EN 60068-2-60 (method 4):
mit erweitertem Korrosionstest: 40°C / 90%rh / 15pp m H
2S / 336h
Corrosion robustness better than EN 60068-2-60 (method 4):
with enhanced corrosion test: 40°C / 90%rh / 15ppm H
2S / 336h
Gewicht / Approx. weight:
50 mg
Chip-Position:
1)
red
2)
true green
3)
deep blue
4)
ultra white
Pin-Assignment:
P1:
Cathode; Chip 1
P2:
Anode; Chip 1
P3:
Cathode; Chip 2
P4:
Anode; Chip 2
P5:
Cathode; Chip 3
P6:
Anode; Chip 3
P7:
Cathode; Chip 4
P8:
Anode; Chip 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com