Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8570 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8570
Description  16 V Rail-to-Rail Buffer Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8570 Datasheet(HTML) 5 Page - Analog Devices

  AD8570 Datasheet HTML 1Page - Analog Devices AD8570 Datasheet HTML 2Page - Analog Devices AD8570 Datasheet HTML 3Page - Analog Devices AD8570 Datasheet HTML 4Page - Analog Devices AD8570 Datasheet HTML 5Page - Analog Devices AD8570 Datasheet HTML 6Page - Analog Devices AD8570 Datasheet HTML 7Page - Analog Devices AD8570 Datasheet HTML 8Page - Analog Devices AD8570 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
–5–
AD8568/AD8569/AD8570
REV. A
TEMPERATURE – C
150
0
40
+25
+85
45
30
15
VS = 16V
VS = 4.5V
60
135
120
105
90
75
ILOAD = 5mA
TPC 7. Output Voltage Swing vs. Temperature
TEMPERATURE – C
0.9999
0.9995
40
+25
+85
RL = 2k
4.5V < VS < 16V
VOUT = 0.5V TO 15V
0.9997
RL = 600
TPC 8. Voltage Gain vs. Temperature
LOAD CURRENT – mA
10
0.1
0.001
100
0.01
0.1
1
10
1
100
1k
TA = 25 C
VS = 16V
VS = 4.5V
TPC 9. Output Voltage to Supply Rail vs. Load Current
TEMPERATURE – C
0.80
0.50
40
+25
+85
0.65
0.60
0.55
VS = 16V
VS = 4.5V
0.70
VCM = VS/2
0.75
TPC 10. Supply Current/Amplifier vs. Temperature
TEMPERATURE – C
7
0
40
+25
+85
3
2
1
VS = 16V
VS = 4.5V
4
RL = 10k
CL = 200pF
5
6
TPC 11. Slew Rate vs. Temperature
SUPPLY VOLTAGE – V
1.0
0
018
2
4
6
8
10
12
14
16
0.9
0.5
0.3
0.2
0.1
0.8
0.7
0.4
0.6
TA = 25 C
AV = 1
VO = VS /2
TPC 12. Supply Current/Amplifier vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com