Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8570 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8570
Description  16 V Rail-to-Rail Buffer Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8570 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8570 Datasheet HTML 4Page - Analog Devices AD8570 Datasheet HTML 5Page - Analog Devices AD8570 Datasheet HTML 6Page - Analog Devices AD8570 Datasheet HTML 7Page - Analog Devices AD8570 Datasheet HTML 8Page - Analog Devices AD8570 Datasheet HTML 9Page - Analog Devices AD8570 Datasheet HTML 10Page - Analog Devices AD8570 Datasheet HTML 11Page - Analog Devices AD8570 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
–10–
AD8568/AD8569/AD8570
REV. A
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
6-Lead SOT-23
(RT Suffix)
1
3
4
5
2
6
0.122 (3.10)
0.106 (2.70)
PIN 1
0.071 (1.80)
0.059 (1.50)
0.118 (3.00)
0.098 (2.50)
0.075
(1.90)
BSC
0.037
(0.95) BSC
0.009 (0.23)
0.003 (0.08)
0.022 (0.55)
0.014 (0.35)
10
0
0.020 (0.50)
0.010 (0.25)
0.006 (0.15)
0.000 (0.00)
0.051 (1.30)
0.035 (0.90)
SEATING
PLANE
0.057 (1.45)
0.035 (0.90)
10-Lead MSOP
(RM Suffix)
0.011 (0.28)
0.003 (0.08)
0.120 (3.05)
0.112 (2.84)
0.022 (0.56)
0.021 (0.53)
6
0
10
6
5
1
0.0197 (0.50) BSC
0.124 (3.15)
0.112 (2.84)
0.124 (3.15)
0.112 (2.84)
0.199 (5.05)
0.187 (4.75)
PIN 1
0.122 (3.10)
0.110 (2.79)
0.006 (0.15)
0.002 (0.05)
0.016 (0.41)
0.006 (0.15)
0.038 (0.97)
0.030 (0.76)
SEATING
PLANE
0.043 (1.09)
0.037 (0.94)
32-Lead LFCSP
(CP Suffix)
1
32
8
9
25
24
16
17
BOTTOM
VIEW
0.128 (3.25)
0.122 (3.10) SQ
0.116 (2.95)
0.020 (0.50)
0.016 (0.40)
0.012 (0.30)
0.012 (0.30)
0.009 (0.23)
0.007 (0.18)
0.138 (3.50)
REF
0.024 (0.60)
0.017 (0.42)
0.009 (0.24)
0.024 (0.60)
0.017 (0.42)
0.009 (0.24)
0.010 (0.25)
MIN
0.020 (0.50)
BSC
12 MAX
0.035 (0.90) MAX
0.033 (0.85) NOM
0.008 (0.20)
REF
0.031 (0.80) MAX
0.026 (0.65) NOM
0.002 (0.05)
0.0004 (0.01)
0.0 (0.00)
SEATING
PLANE
PIN 1
INDICATOR
TOP
VIEW
0.187 (4.75)
BSC SQ
0.197 (5.0)
BSC SQ
CONTROLLING DIMENSIONS ARE IN MILLIMETERS.
DIMENSIONS MEET JEDEC MO-220-VHHD-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com