Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8570 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8570
Description  16 V Rail-to-Rail Buffer Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8570 Datasheet(HTML) 1 Page - Analog Devices

  AD8570 Datasheet HTML 1Page - Analog Devices AD8570 Datasheet HTML 2Page - Analog Devices AD8570 Datasheet HTML 3Page - Analog Devices AD8570 Datasheet HTML 4Page - Analog Devices AD8570 Datasheet HTML 5Page - Analog Devices AD8570 Datasheet HTML 6Page - Analog Devices AD8570 Datasheet HTML 7Page - Analog Devices AD8570 Datasheet HTML 8Page - Analog Devices AD8570 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD8568/AD8569/AD8570
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
16 V Rail-to-Rail
Buffer Amplifiers
PIN CONFIGURATIONS
6-Lead SOT-23
(RT Suffix)
GND
IN B
3
4
IN A
V+
2
5
OUT A
OUT B
1
6
AD8568
10-Lead MSOP
(RM Suffix)
56
IN A
V+
IN B
OUT C
IN D
GND
IN C
OUT D
2
9
3
8
4
7
1
10
AD8569
OUT B
OUT A
32-Lead LFCSP
(CP Suffix)
PIN 1
INDICATOR
TOP VIEW
24 GND
23 NC
22 OUT C
21 OUT D
V+ 1
NC 2
IN C 3
20 OUT E
19 OUT F
18 NC
17 GND
IN D 4
IN E 5
IN F 6
NC 7
V+ 8
AD8570
NC = NO CONNECT
FEATURES
Single-Supply Operation: 4.5 V to 16 V
Input Capability Beyond the Rails
Rail-to-Rail Output Swing
Continuous Output Current: 35 mA
Peak Output Current: 250 mA
Offset Voltage: 10 mV Max
Slew Rate: 6 V/ s
Stable with 1
F Loads
Supply Current
APPLICATIONS
LCD Reference Drivers
Portable Electronics
Communications Equipment
GENERAL DESCRIPTION
The AD8568, AD8569, and AD8570 are low-cost single-supply
buffer amplifiers with rail-to-rail input and output capability.
They are optimized for LCD monitor applications and built on
an advanced high-voltage CBCMOS process. The AD8568 includes
two buffers, the AD8569 includes four buffers, and the AD8570
includes eight buffers.
These LCD buffers have high slew rates, 35 mA continuous output
drive, and high capacitive load drive capability. They have wide
supply range and offset voltages below 10 mV.
The AD8568, AD8569, and AD8570 are specified over the –40
°C
to +85
°C temperature range. They are available on tape and reel,
with the AD8568 packaged in a 6-lead SOT-23, the AD8569 in a
10-lead MSOP, and the AD8570 in a 32-lead LFCSP.


Similar Part No. - AD8570

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8570 AD-AD8570 Datasheet
139Kb / 12P
16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8570ACP-R2 AD-AD8570ACP-R2 Datasheet
139Kb / 12P
16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8570ACP-REEL AD-AD8570ACP-REEL Datasheet
139Kb / 12P
16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8570ACP-REEL7 AD-AD8570ACP-REEL7 Datasheet
139Kb / 12P
16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8570ARU AD-AD8570ARU Datasheet
139Kb / 12P
16 V Rail-to-Rail Buffer Amplifiers
REV. C
More results

Similar Description - AD8570

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8565 AD-AD8565 Datasheet
152Kb / 12P
16 V Rail-to-Rail Operational Amplifiers
AD8568 AD-AD8568_03 Datasheet
139Kb / 12P
16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8565 AD-AD8565_06 Datasheet
346Kb / 16P
16 V Rail-to-Rail Operational Amplifiers
REV. D
AD8565 AD-AD8565_15 Datasheet
293Kb / 16P
16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8566 AD-AD8566_15 Datasheet
293Kb / 16P
16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8567 AD-AD8567_15 Datasheet
293Kb / 16P
16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8568 AD-AD8568_15 Datasheet
140Kb / 12P
16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8569 AD-AD8569_15 Datasheet
140Kb / 12P
16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8570 AD-AD8570_15 Datasheet
140Kb / 12P
16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8565 AD-AD8565_17 Datasheet
334Kb / 13P
16 V Rail-to-Rail Operational Amplifiers
10/2017-Rev. G to Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com