Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8600 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8600
Description  16-Channel, 8-Bit Multiplying DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8600 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8600 Datasheet HTML 2Page - Analog Devices AD8600 Datasheet HTML 3Page - Analog Devices AD8600 Datasheet HTML 4Page - Analog Devices AD8600 Datasheet HTML 5Page - Analog Devices AD8600 Datasheet HTML 6Page - Analog Devices AD8600 Datasheet HTML 7Page - Analog Devices AD8600 Datasheet HTML 8Page - Analog Devices AD8600 Datasheet HTML 9Page - Analog Devices AD8600 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. 0
–6–
AD8600
TRANSFER EQUATIONS
Output Voltage
O
i = D ×
V
REF
256
where i is the DAC channel number and D is the decimal value
of the DAC register data.
Table I. Truth Table
EN
R/W
CS LD
RS
Operation
Write to DAC Register
X
H
L
H
Update DAC Register
L
X
H
H
Update DAC Register
+
X
H
L
H
Latches DAC Register
L
X
H
+
H
Latches DAC Register
L
L
L
L
H
DAC Register Transparent
Write to Input Register
L
L
L
H
H
Load Data to Input Register at
Decoded Address
+
L
L
H
H
Latches Data in Input Register at
Decoded Address
L
L
+
H
H
Latches Data in Input Register at
Decoded Address
Readback Input Registers
X
H
L
H
H
Input Register Readback (Data
Access)
X
H
+
H
H
Hi-Z Readback Disconnects from
Bus
X
X
H
X
X
Hi-Z on Data Bus
Reset
X
X
X
X
L
Clear All Registers to Zero,
VOUT = 0 V
X
X
H
H
+
Latches All Registers to Zero
LX
LH
+
CS
= Low; Input Register Ready
for R/W, DAC Register Latched
to Zero
NOTES
1+ symbol means positive edge of control input line.
2– symbol means negative edge of control input line.
Decoded DAC Register
O
i = A
where A is the decimal value of the decoded address bits A3,
A2, A1, A0 (LSB).
Address, CS, R/W and data inputs should be stable prior to acti-
vation of the active low EN input. Input registers are transpar-
ent when EN is low. When EN returns high, data is latched into
the decoded input register. When the load strobe LD and EN
pins are active low, all input register data is transferred to the
DAC registers. The DAC registers are transparent while they
are enabled.
Table II. Address Decode Table
A3
A2
A1
A0
Addr
DAC
(MSB)
(LSB)
Code
Updated
(Binary)
(Hex)
000
0
0
O0
000
1
1
O1
001
0
2
O2
001
1
3
O3
010
0
4
O4
010
1
5
O5
011
0
6
O6
011
1
7
O7
100
0
8
O8
100
1
9
O9
101
0
A
O10
101
1
B
O11
110
0
C
O12
110
1
D
O13
111
0
E
O14
111
1
F
O15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com