Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8600 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8600
Description  16-Channel, 8-Bit Multiplying DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8600 Datasheet(HTML) 3 Page - Analog Devices

  AD8600 Datasheet HTML 1Page - Analog Devices AD8600 Datasheet HTML 2Page - Analog Devices AD8600 Datasheet HTML 3Page - Analog Devices AD8600 Datasheet HTML 4Page - Analog Devices AD8600 Datasheet HTML 5Page - Analog Devices AD8600 Datasheet HTML 6Page - Analog Devices AD8600 Datasheet HTML 7Page - Analog Devices AD8600 Datasheet HTML 8Page - Analog Devices AD8600 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Parameter
Symbol
Condition
Min
Typ
Max
Units
STATIC PERFORMANCE
1
Resolution
N
8
Bits
Total Unadjusted Error
TUE
All Other DACs Loaded with Data = 55H
–1
±3/4
+1
LSB
Relative Accuracy
INL
–1
±1/2
+1
LSB
Differential Nonlinearity
DNL
Guaranteed Monotonic
–1
±1/4
+1
LSB
Full-Scale Voltage
VFS
Data = FFH, VREF = +3.5 V
3.473
3.486
3.500
V
Full-Scale Voltage Error
VFSE
Data = FFH, VREF = +3.5 V
–1
+1
LSB
Full-Scale Tempco
TCVFS
Data = FFH, VREF = +3.5 V
±20
ppm/
°C
Zero Scale Error
VZSE
Data = 00H, RS = “0,” TA = +25°C–2
±1+2
mV
Zero Scale Error
VZSE
Data = 00H, All Other DACs Data = 00H
–1
+1
LSB
Zero Scale Error
VZSE
Data = 00H, All Other DACs Data = 55H
±1/2
LSB
Zero Scale Tempco
TCVZS
Data = 00H, VCC = +5 V, VEE = –5 V
±10
µV/°C
Reference Input Resistance
RREF
Data = ABH
1.2
2
k
Ω
Reference Input Capacitance
2
CREF
Data = ABH
240
pF
ANALOG OUTPUT
Output Voltage Range
OVR1
VREF = +3.5 V
0.000
3.500
V
Output Voltage Range
2
OVR2
VCC = VDD2 = +7 V, VEE = –0.7 V, VREF = 5 V
0.000
5.000
V
Output Current
IOUT
Data = 80H
±2mA
Capacitive Load
2
CL
No Oscillation
50
pF
LOGIC INPUTS
Logic Input Low Voltage
VIL
0.8
V
Logic Input High Voltage
VIH
2.4
V
Logic Input Current
IIL
10
µA
Logic Input Capacitance
2
CIL
10
pF
LOGIC OUTPUTS
Logic Out High Voltage
VOH
IOH = –0.4 mA
3.5
V
Logic Out Low Voltage
VOL
IOL = 1.6 mA
0.4
V
AC CHARACTERISTICS
2
Reference In Bandwidth
BW
–3 dB Frequency, VREF = 2.5 VDC + 0.1 VAC
500
kHz
Slew Rate
SR
For
∆V
REF or FS Code Change
4
7
V/
µs
Voltage Noise Density
eN
f = 1 kHz, VREF = 0 V
46
nV/
√Hz
Digital Feedthrough
FT
Digital Inputs to DAC Outputs
10
nVs
Voltage Output Settling Time
3
tS1
±1 LSB of Final Value, FS Data Change
1
2
µs
Voltage Output Settling Time
3
tS2
±1 LSB of Final Value, ∆V
REF = 1 V, Data = FFH
12
µs
POWER SUPPLIES
Positive Supply Current
ICC
VIH = 5 V, VIL = 0 V, VEE = –5 V, No Load
22
35
mA
Negative Supply Current
IEE
VIH = 5 V, VIL = 0 V, VEE = –5 V, No Load
22
35
mA
Logic Supply Currents
IDD1&2
VIH = 5 V, VIL = 0 V, VEE = –5 V, No Load
0.1
mA
Power Dissipation
4
PDISS
VIH = 5 V, VIL = 0 V, VEE = –5 V, No Load
225
350
mW
Power Supply Sensitivity
PSS
∆V
CC & ∆VEE = ± 5%
0.007
%/%
Logic Power Supply Range
VDDR
4.75
5.25
V
Pos Power Supply Range
2
VCCR
VDD
7.0
V
Neg Power Supply Range
2
VEER
–5.25
0.0
V
NOTES
1When V
REF = +3.500 V, 1 LSB = 13.67 mV.
2Guaranteed by design not subject to production test.
3Settling time test is performed using R
L = 50 kΩ and CL = 35 pF.
4Power Dissipation is calculated using 5 V
× (I
DD + |ISS| + IDD1 + IDD2).
Specifications subject to change without notice.
DUAL SUPPLY (@ V
DD1 = VDD2 = VCC = +5 V
± 5%, V
EE = –5 V
± 5%, V
REF = +3.500 V, – 40
°C ≤ T
A
≤ +85°C, unless otherwise noted)
AD8600
REV. 0
–3–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com